Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5606 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC5606
Description  9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5606 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC5606_15 Datasheet HTML 2Page - Texas Instruments UCC5606_15 Datasheet HTML 3Page - Texas Instruments UCC5606_15 Datasheet HTML 4Page - Texas Instruments UCC5606_15 Datasheet HTML 5Page - Texas Instruments UCC5606_15 Datasheet HTML 6Page - Texas Instruments UCC5606_15 Datasheet HTML 7Page - Texas Instruments UCC5606_15 Datasheet HTML 8Page - Texas Instruments UCC5606_15 Datasheet HTML 9Page - Texas Instruments UCC5606_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
26-Mar-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
UCC5606DP
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
UCC5606DP
UCC5606DPTR
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
UCC5606DP
UCC5606DPTRG4
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
UCC5606DP
UCC5606J
OBSOLETE
UTR
16
TBD
Call TI
Call TI
0 to 70
UCC5606N
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
UCC5606PWP
OBSOLETE
TSSOP
PW
24
TBD
Call TI
Call TI
0 to 70
UCC5606PWP
UCC5606PWPTR
ACTIVE
TSSOP
PW
24
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UCC5606PWP
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - UCC5606_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
More results

Similar Description - UCC5606_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5611 TI-UCC5611 Datasheet
254Kb / 5P
[Old version datasheet]   18-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614 TI1-UCC5614_14 Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614 TI-UCC5614 Datasheet
354Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
UC5603 TI-UC5603 Datasheet
255Kb / 5P
[Old version datasheet]   9-Line SCSI Active Terminator
UCC5611 TI1-UCC5611_10 Datasheet
172Kb / 6P
[Old version datasheet]   18-LINE 3-5VOLT SCSI ACTIVE TERMINATOR REVERSE DISCONNECT
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
[Old version datasheet]   18-Line SCSI Terminator (Reverse Disconnect)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com