Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5606DPTR Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5606DPTR
Description  9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5606DPTR Datasheet(HTML) 3 Page - Texas Instruments

  UCC5606DPTR Datasheet HTML 1Page - Texas Instruments UCC5606DPTR Datasheet HTML 2Page - Texas Instruments UCC5606DPTR Datasheet HTML 3Page - Texas Instruments UCC5606DPTR Datasheet HTML 4Page - Texas Instruments UCC5606DPTR Datasheet HTML 5Page - Texas Instruments UCC5606DPTR Datasheet HTML 6Page - Texas Instruments UCC5606DPTR Datasheet HTML 7Page - Texas Instruments UCC5606DPTR Datasheet HTML 8Page - Texas Instruments UCC5606DPTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
UCC5606
SLUS347A – MAY 1995 – REVISED APRIL 2003
3
www.ti.com
CONNECTION DIAGRAM
DIL–16 (Top View)
N Package
SOIC–16 (Top View)
DP Package
TSSOP–24 (Top View)
PWP Package
NOTE: GND* serves as a heat sink ground which must be tied to a large copper area or the grounding plate.
ELECTRICAL CHARACTERISTICS
TA = 0°C to 70°C, TRMPWR = 3.3 V, DISCNCT = 3.3 V, RDISCNCT = 0 Ω, TA = TJ, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
Termpwr supply current
All termination lines = open
1
2
mA
Termpwr supply current
All termination lines = 0.2 V
210
218
mA
Power down mode
DISCNCT = 0 V
0.5
5.0
µA
Output Section (110 ohms – Terminator Lines)
Terminator impedance
102.3
110.0
117.7
Ohms
Output high voltage
TRMPWR = 3 V (1)
2.5
2.7
3.0
V
VLINE = 0.2 V,
TJ = 25°C
–22.1
–23.0
–24.0
VLINE = 0.2 V
–21
–23
–24
Max output current
VLINE = 0.2 V,
TRMPWR = 3 V,
TJ = 25°C (1)
–20.2
–23.0
–24.0
mA
VLINE = 0.2 V,
TRMPWR = 3 V (1)
–19
–23
–24
VLINE = 0.5 V
–22.4
Output leakage
DISCNCT = 0 V,
TRMPWR = 0 V to 5.25 V
10
400
nA
Output capacitance
DISCNCT = 0 V,
DP package (2)
1.8
2.5
pF
Output Section (2.5 k
Ω – Terminator Lines) (RDISCNCT = 80 kΩ)
Terminator impedance
2.0
2.5
3.0
k
Output high voltage
TRMPWR = 3 V (1)
2.5
2.7
3.0
V
Max output current
VLINE = 0.2 V
–0.7
–1.0
–1.4
mA
Max output current
VLINE = 0.2 V,
TRMPWR = 3 V (1)
–0.6
–1.0
–1.5
mA
Output leakage
DISCNCT = 0 V,
TRMPWR = 0 to 5.25 V
10
400
nA
Output capacitance
DISCNCT = 0 V,
DP package (2)
1.8
2.5
pF


Similar Part No. - UCC5606DPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
More results

Similar Description - UCC5606DPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5611 TI-UCC5611 Datasheet
254Kb / 5P
[Old version datasheet]   18-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614 TI1-UCC5614_14 Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614 TI-UCC5614 Datasheet
354Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
UC5603 TI-UC5603 Datasheet
255Kb / 5P
[Old version datasheet]   9-Line SCSI Active Terminator
UCC5611 TI1-UCC5611_10 Datasheet
172Kb / 6P
[Old version datasheet]   18-LINE 3-5VOLT SCSI ACTIVE TERMINATOR REVERSE DISCONNECT
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
[Old version datasheet]   18-Line SCSI Terminator (Reverse Disconnect)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com