Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC383 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC383
Description  LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC383 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC383 Datasheet HTML 4Page - Texas Instruments UCC383 Datasheet HTML 5Page - Texas Instruments UCC383 Datasheet HTML 6Page - Texas Instruments UCC383 Datasheet HTML 7Page - Texas Instruments UCC383 Datasheet HTML 8Page - Texas Instruments UCC383 Datasheet HTML 9Page - Texas Instruments UCC383 Datasheet HTML 10Page - Texas Instruments UCC383 Datasheet HTML 11Page - Texas Instruments UCC383 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
UCC283-3, UCC283-5, UCC283-ADJ, UCC383-3, UCC383-5, UCC383-ADJ
LOW DROPOUT 3A LINEAR REGULATOR FAMILY
SLUS215B − OCTOBER 1998 − REVISED FEBRUARY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
voltage programming and shutdown feature for adjustable version
A typical application circuit based on the UCC383 adjustable version is shown in Figure 5. The output voltage
is externally programmed through a resistive divider at the ADJ pin.
Figure 4
Temperature (
5C)
0.2
0.3
0.4
0.5
0.6
−40
10
60
V OUT= 3.3 V
V OUT= 5 V
TYPICAL DROPOUT VOLTAGE
vs.
CASE TEMPERATURE WITH A 3-A LOAD
V
OUT +
1.25
1
) R2
R1
Volts
The maximum programmed output voltage is constrained by the 9-V absolute rating of the IC (this includes the
charge pump voltage) and its ability to enhance the N-channel MOSFET. Unless the load current is below the
3-A rating of the device, output voltages above 7 V are not recommended. The minimum output voltage can
be programmed down to 1.25 V. However, the input voltage must always be greater than the UVLO of the part.
The adjustable version includes a shutdown feature, limiting quiescent current to 40
µA typical. The UCC383
is shut down by pulling the CT pin to below 0.25 V. As shown in Figure 5, a small logic level MOSFET or BJT
transistor in parallel with the timing capacitor can be driven with a digital signal, putting the device in shutdown.
If the CT pin is not pulled low, the IC internally pulls up the pin enabling the regulator. The CT pin should not
be forced high, as this interferes with the short-circuit-protection feature. Selection of the timing capacitor is
explained in Short-Circuit-Protection.
The adjustable version can be used in applications requiring remote voltage sensing (i.e. monitoring a voltage
other than or not directly tied to the VOUT pin). This is possible since the inverting input of the error-voltage
amplifier (see Block Diagram) is brought out to the ADJ pin.
(4)


Similar Part No. - UCC383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC383-3 TI-UCC383-3 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC383-3 TI-UCC383-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-5 TI-UCC383-5 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC383-5 TI1-UCC383-5 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC383

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com