Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5614N Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5614N
Description  9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5614N Datasheet(HTML) 3 Page - Texas Instruments

  UCC5614N Datasheet HTML 1Page - Texas Instruments UCC5614N Datasheet HTML 2Page - Texas Instruments UCC5614N Datasheet HTML 3Page - Texas Instruments UCC5614N Datasheet HTML 4Page - Texas Instruments UCC5614N Datasheet HTML 5Page - Texas Instruments UCC5614N Datasheet HTML 6Page - Texas Instruments UCC5614N Datasheet HTML 7Page - Texas Instruments UCC5614N Datasheet HTML 8Page - Texas Instruments UCC5614N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UCC5614
SLUS349B − DECEMBER 1994 − REVISED APRIL 2005
3
www.ti.com
CONNECTION DIAGRAMS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LINE7
LINE8
LINE9
GND
SGND
DISCNCT
LINE1
LINE2
LINE6
LINE5
REG
GND
GND
TRMPWR
LINE4
LINE3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LINE7
LINE8
LINE9
N/C
SGND
DISCNCT
LINE1
LINE2
LINE6
LINE5
REG
N/C
N/C
TRMPWR
LINE4
LINE3
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LINE7
LINE8
LINE9
N/C
SGND
GND
GND
GND
GND
DISCNCT
LINE1
LINE2
LINE6
LINE5
REG
REG
GND
GND
GND
GND
TRMPWR
TRMPWR
LINE4
LINE3
SOIC−16 (Top View)
DP Package (1) (2)
DIL−16 (Top View)
N Package (1)
TSSOP−24 (Top View)
PW Package (1) (3)
NOTES: (1). Drawings are not to scale.
(2). DP package pin 5 serves as ground and pins 4,12 and 13 serve as heatsink ground.
(3). PW package pin 5 serves as ground and pins 6,7,8,9,17,18,19 and 20 serve as heatsink ground.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
{}
UCC5629
UNIT
TRMPWR voltage
6
V
Input voltage
0 to 7
V
Regulator output current
2
W
Storage temperature, Tstg
−65 to 150
Operating junction temperature, TJ
–55 to 150
°C
Lead temperature (soldering, 10 sec.)
300
C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages are with respect
to GND. Currents are positive into and negative out of, the specified terminal.
‡ Currents are positive into, negative out of the specified terminal. Consult Packaging Section of Databook for thermal limitations and
considerations of packages. All voltages are referenced to GND.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
TRMPWR voltage
2.7
5.25
V
Temperature ranges
0
70
°C
Signal line voltage
0
5
V
DISCNCT input voltage
0
TRMPWR
V
Obsolete Device


Similar Part No. - UCC5614N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5614 TI-UCC5614 Datasheet
354Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
More results

Similar Description - UCC5614N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614 TI-UCC5614 Datasheet
354Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
UCC5610 TI1-UCC5610_14 Datasheet
238Kb / 8P
[Old version datasheet]   18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610 TI-UCC5610 Datasheet
243Kb / 5P
[Old version datasheet]   18-Line 3-5 Volt Low Capacitance SCSI Active Terminator
UC5604 TI-UC5604 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5612 TI-UC5612 Datasheet
279Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5613 TI-UC5613 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5604DP TI-UC5604DP Datasheet
202Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5605 TI-UC5605 Datasheet
245Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com