Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3941DTR-3 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3941DTR-3
Description  1V SYNCHRONOUS BOOST CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3941DTR-3 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3941DTR-3 Datasheet HTML 1Page - Texas Instruments UCC3941DTR-3 Datasheet HTML 2Page - Texas Instruments UCC3941DTR-3 Datasheet HTML 3Page - Texas Instruments UCC3941DTR-3 Datasheet HTML 4Page - Texas Instruments UCC3941DTR-3 Datasheet HTML 5Page - Texas Instruments UCC3941DTR-3 Datasheet HTML 6Page - Texas Instruments UCC3941DTR-3 Datasheet HTML 7Page - Texas Instruments UCC3941DTR-3 Datasheet HTML 8Page - Texas Instruments UCC3941DTR-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
UCC2941-3, UCC2941-5, UCC2941-ADJ, UCC3941-3, UCC3941-5, UCC3941-ADJ
1V SYNCHRONOUS BOOST CONVERTER
SLUS242B – JANUARY 1999 – REVISED JUNE 2001
5
www.ti.com
electrical characteristics over recommended operating junction temperature range, for UCC3941,
TA = 0_C to 70_C, for UCC2941, TA = –40_C to 85_C, VIN = 1.25 V, TA = TJ (unless otherwise noted)
input voltage
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25_C,
No external VGD load,
IOUT = 100 mA,
See Note 1
0.8
1.0
V
Minumum startup voltage
TJ = 0_C to 85_C, No external VGD load,
IOUT = 100 mA,
See Note 1
0.9
1.1
V
TJ = –40_C to 0_C, No external VGD load,
IOUT = 100 mA,
See Note 1
0.9
1.5
V
Minumum dropout voltage
IOUT = 0 mA,
No external VGD load,
VGD = 6.3 V
0.5
V
Input voltage range
1
VOUT
+ 0.5
V
Quiescent supply current
See note 2
13
25
µA
Shutdown supply current
SD = open
8
20
µA
output voltage
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent supply current
See note 2
32
80
µA
Shutdown supply current
SD = open
6
15
µA
1 V < VIN < 3 V
3.18
3.25
3.37
V
Regulation voltage
UCC3941–3
1 V < VIN < 3 V,
0 mA < IOUT < 150 mA,
See Note 1
3.17
3.30
3.43
V
Regulation voltage
1 V < VIN < 5 V
4.85
5.00
5.15
V
UCC3941–5
1 V < VIN < 5 V,
0 mA < IOUT < 100 mA,
See Note 1
4.8
5.0
5.2
V
Feedback voltage
UCC3941–ADJ
1 V < VIN < 3 V
1.212
1.250
1.288
V
VGD output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent supply current
See note 2
25
60
µA
Shutdown supply current
SD = open
8
20
µA
1 V < VIN < 3 V
7.5
8.7
9.2
V
Regulation voltage
1 V < VIN < 3 V,
0 mA < IOUT < 10 mA,
See Note 1
7.4
87
9.3
V
NOTE 1: Performance from application circuit shown in Figures 3, 4, and 5. Ensured by design. Not 100% production tested.
NOTE 2: For the UCC3941–3, VOUT = 3.47 V and VGD = 9.3 V. For the UCC3941–5, VOUT = 5.25 V, VGD = 9.3 V. For the UCC3941–ADJ,
FB = 1.315 V, VGD = 9.3 V.


Similar Part No. - UCC3941DTR-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3941 ETC1-UCC3941 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
UCC3941-3 ETC1-UCC3941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3941-5 ETC1-UCC3941-5 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
More results

Similar Description - UCC3941DTR-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2941-3 ETC1-UCC2941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3945 ETC1-UCC3945 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com