Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5620 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5620
Description  27-Line SCSI Terminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5620 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5620 Datasheet HTML 1Page - Texas Instruments UCC5620 Datasheet HTML 2Page - Texas Instruments UCC5620 Datasheet HTML 3Page - Texas Instruments UCC5620 Datasheet HTML 4Page - Texas Instruments UCC5620 Datasheet HTML 5Page - Texas Instruments UCC5620 Datasheet HTML 6Page - Texas Instruments UCC5620 Datasheet HTML 7Page - Texas Instruments UCC5620 Datasheet HTML 8Page - Texas Instruments UCC5620 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UCC5620
DESCRIPTION
UCC5620 provides 27 lines of active termination for a SCSI (Small Com-
puter Systems Interface) parallel bus. The SCSI standard recommends
active termination at both ends of the cable.
The UCC5620 is ideal for high performance 5V SCSI systems. During
disconnect the supply current is typically only 100
µA, which makes the IC
attractive for lower powered systems.
The UCC5620 is designed with a low channel capacitance of 2.5pF,
which eliminates effects on signal integrity from disconnected terminators
at interim points on the bus.
The power amplifier output stage allows the UCC5620 to source full ter-
mination current and sink active negation current when all termination
lines are actively negated.
The UCC5620, as with all Unitrode terminators, is completely hot plugga-
ble and appears as high impedance at the teminating channels with
VTRMPWR = 0V or open.
Internal circuit trimming is utilized, first to trim the 110
impedance, and
then most importantly, to trim the output current as close to the maximum
SCSI-3 specification as possible, which maximizes noise margin in fast
SCSI operation.
Other features include thermal shutdown and current limit. This device is
offered in low thermal resistance versions of the industry standard 36-Pin
Wide Body QSOP (MWP).
Consult QSOP-36 packaging diagram for exact dimensions.
27-Line SCSI Terminator
BLOCK DIAGRAM
FEATURES
• Complies with SCSI, SCSI-2, SCSI-3,
SPI and FAST-20 (Ultra) Standards
• 2.5pF Channel Capacitance during
Disconnect
• 100mA Supply Current in Disconnect
Mode
• 4V To 7V Operation
• 110 Termination
• Completely Meets SCSI Hot Plugging
• –900mA Sourcing Current for
Termination
• +500mA Sinking Current for Active
Negation
• Logic Command Disconnects all
Termination Lines
• Trimmed Impedance to 5%
• Current Limit and Thermal Shutdown
Protection
SLUS287B - OCTOBER 1999 - REVISED APRIL 2002
UDG-96109
Circuit Design Patented


Similar Part No. - UCC5620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5620 TI-UCC5620 Datasheet
65Kb / 4P
[Old version datasheet]   27-Line SCSI Terminator
More results

Similar Description - UCC5620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5620 TI-UCC5620 Datasheet
65Kb / 4P
[Old version datasheet]   27-Line SCSI Terminator
UCC5619 TI-UCC5619 Datasheet
103Kb / 4P
[Old version datasheet]   27-Line SCSI Terminator With Reverse Disconnect
UCC5622 TI-UCC5622 Datasheet
287Kb / 5P
[Old version datasheet]   27 - Line SCSI Terminator With Split Disconnect
UCC5619 TI1-UCC5619_09 Datasheet
321Kb / 7P
[Old version datasheet]   27-Line SCSI Terminator With Reverse Disconnect
UCC5622 TI1-UCC5622_15 Datasheet
219Kb / 8P
[Old version datasheet]   27 - Line SCSI Terminator With Split Disconnect
UCC5621MWP TI-UCC5621MWP Datasheet
162Kb / 5P
[Old version datasheet]   27 - Line SCSI Terminator With Split Reverse Disconnect
UCC5621 TI-UCC5621 Datasheet
287Kb / 5P
[Old version datasheet]   27 - Line SCSI Terminator With Split Reverse Disconnect
logo
Microsemi Corporation
LX5121 MICROSEMI-LX5121 Datasheet
145Kb / 4P
   ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5122 MICROSEMI-LX5122 Datasheet
89Kb / 4P
   ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
logo
Texas Instruments
UCC5696 TI-UCC5696 Datasheet
176Kb / 12P
[Old version datasheet]   27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com