Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3941N-3 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC3941N-3
Description  1V SYNCHRONOUS BOOST CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3941N-3 Datasheet(HTML) 4 Page - Texas Instruments

  UCC3941N-3 Datasheet HTML 1Page - Texas Instruments UCC3941N-3 Datasheet HTML 2Page - Texas Instruments UCC3941N-3 Datasheet HTML 3Page - Texas Instruments UCC3941N-3 Datasheet HTML 4Page - Texas Instruments UCC3941N-3 Datasheet HTML 5Page - Texas Instruments UCC3941N-3 Datasheet HTML 6Page - Texas Instruments UCC3941N-3 Datasheet HTML 7Page - Texas Instruments UCC3941N-3 Datasheet HTML 8Page - Texas Instruments UCC3941N-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
UCC2941-3, UCC2941-5, UCC2941-ADJ, UCC3941-3, UCC3941-5, UCC3941-ADJ
1V SYNCHRONOUS BOOST CONVERTER
SLUS242B – JANUARY 1999 – REVISED JUNE 2001
4
www.ti.com
detailed description (continued)
needs a name (SW)
The SW pin inductor is connected between this node and VIN. The VGD (gate drive supply) flyback diode is
also connected to this pin. When servicing the 3.3-V supply, this pin goes low charging the inductor, then shut
off, dumping the energy through the synchronous rectifier to the output. When servicing the VGD supply, the
internal synchronous rectifier stays off, and the energy is diverted to VGD through the flyback diode. During
discontinuous portions of the inductor current a MOSFET resistively connects VIN to SW damping excess
circulating energy to eliminate undesired high frequency ringing.
gate drive supply (VGD)
The VGD pin is coarsely regulated around 9 V, and is primarily used for the gate drive supply for the power
switches in the IC. This pin can be loaded with up to 10 mA as long as it does not present a load at voltages
below 2 V. This ensures proper startup of the IC. The VGD supply can go as low as 7.5 V without interfering
with the servicing of the 3.3-V output. Below 7.5 V, VGD has the highest priority, although in practice the voltage
should not decay to that level if the output capacitor is sized properly.
output voltage (VOUT)
Main output voltage (3.3 V, 5 V, or adjustable) which has highest priority in the multiplexing scheme, as long
as VGD is above the critical level of 7.5 V. Loads over 150 mA are achievable at an input voltage of 1-V. This
output starts up with 1-V input at full load.
absolute maximum ratings over operating free–air temperature range (unless otherwise noted)
Input voltage VIN, PLIM
–0.3 V to 10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range, VGD, SW
–0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range, SD
–0.3 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VOUT
–0.3 V to 10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–55
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
300
_C
. . . . . . . . . . . . . . . . . . . . . . .
CDM 1 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability. Currents are positive into, negative
out of the specified terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25_C
POWER RATING
DERATING FACTOR
ABOVE TA = 25_C
TA = 85_C
POWER RATING
D
760 mW
6.1 mW/
_C
390 mW
N
980 mW
7.9 mW/
_C
510 mW
recommended operating conditions
MIN
MAX
UNIT
Input voltage
0.8
5.0
V
Output voltage
1.8
5.5
V
Output current
0
200
mA


Similar Part No. - UCC3941N-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3941 ETC1-UCC3941 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
UCC3941-3 ETC1-UCC3941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3941-5 ETC1-UCC3941-5 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
More results

Similar Description - UCC3941N-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2941-3 ETC1-UCC2941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3945 ETC1-UCC3945 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com