Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3941N-ADJG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3941N-ADJG4
Description  1V SYNCHRONOUS BOOST CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3941N-ADJG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3941N-ADJG4 Datasheet HTML 1Page - Texas Instruments UCC3941N-ADJG4 Datasheet HTML 2Page - Texas Instruments UCC3941N-ADJG4 Datasheet HTML 3Page - Texas Instruments UCC3941N-ADJG4 Datasheet HTML 4Page - Texas Instruments UCC3941N-ADJG4 Datasheet HTML 5Page - Texas Instruments UCC3941N-ADJG4 Datasheet HTML 6Page - Texas Instruments UCC3941N-ADJG4 Datasheet HTML 7Page - Texas Instruments UCC3941N-ADJG4 Datasheet HTML 8Page - Texas Instruments UCC3941N-ADJG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
UCC2941-3, UCC2941-5, UCC2941-ADJ, UCC3941-3, UCC3941-5, UCC3941-ADJ
1V SYNCHRONOUS BOOST CONVERTER
SLUS242B – JANUARY 1999 – REVISED JUNE 2001
3
www.ti.com
Terminal Functions
TERMINAL
NO.
NAME
UCC2941–3
UCC2941–5
UCC3941–3
UCC3941–5
UCC2941–ADJ
UCC3941–ADJ
I/O
DESCRIPTION
FB
6
I
Feedback control pin used in the UCC3941–ADJ version only. The internal
reference for this comparator is 1.25V and external resistors provide the gain to
the output voltage.
PGND
7
7
Power ground of the IC. The inductor charging current flows through this pin. For
the UCC3941–ADJ signal ground and power ground lines are tied to a common
pin.
PLIM
5
5
I
Peak current limit
SGND
6
Signal ground of the IC. For the UCC3941–ADJ signal ground and power ground
lines are tied to a common pin
SD
4
4
I
Shutdown pin
SW
8
8
I
Inductor connection
VGD
2
2
O
Gate drive supply
VIN
3
3
I
Input voltage to supply the IC during startup. After the output is running the IC
draws power from VOUT or VGD
VOUT
1
1
O
Main output voltage
detailed description
peak limit (PLIM)
The PLIM pin is programmed to set the maximum input power for the converter. For example a 1-A current limit
at 1 V would have a 333-mA limit at 3 V input keeping the input power constant at 1 W. The peak current at
VIN = 1 V is programmed to 1.5 A (1.5 W) when this pin is grounded. The power limit is given by:
PL
W +
11.8
n
R
PL )
6.7
) V
IN
0.26
where RPL is equal to the external resistor from the PLIM pin to ground and n is the expected efficiency of the
converter. The peak current limit is given by:
I
PK(A) +
11.8
n
V
IN
R
PL )
6.7
) 0.26
Constant power gives several advantages over constant current such as lower output ripple.
shutdown (SD)
When the SD pin is open, the built-in 7-
µA current source pulls up on the pin and programs the IC to go into
shutdown mode. This pin requires an open circuit for shutdown and does not operate correctly when driven to
a logic level high with TTL or CMOS logic. When this pin is connected to ground, (either directly or with a
transistor) the IC is enabled and both output voltages regulate.
(1)
(2)


Similar Part No. - UCC3941N-ADJG4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3941 ETC1-UCC3941 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
UCC3941-3 ETC1-UCC3941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3941-5 ETC1-UCC3941-5 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
More results

Similar Description - UCC3941N-ADJG4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2941-3 ETC1-UCC2941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3945 ETC1-UCC3945 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com