Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5628FQPTR Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC5628FQPTR
Description  MULTIMODE SCSI 14 LINE TERMINATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5628FQPTR Datasheet(HTML) 5 Page - Texas Instruments

  UCC5628FQPTR Datasheet HTML 1Page - Texas Instruments UCC5628FQPTR Datasheet HTML 2Page - Texas Instruments UCC5628FQPTR Datasheet HTML 3Page - Texas Instruments UCC5628FQPTR Datasheet HTML 4Page - Texas Instruments UCC5628FQPTR Datasheet HTML 5Page - Texas Instruments UCC5628FQPTR Datasheet HTML 6Page - Texas Instruments UCC5628FQPTR Datasheet HTML 7Page - Texas Instruments UCC5628FQPTR Datasheet HTML 8Page - Texas Instruments UCC5628FQPTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UCC5628
SLUS302C − DECEMBER 1994 − REVISED MARCH 2004
5
www.ti.com
APPLICATION INFORMATION
The UCC5628 is a multimode active terminator with selectable single ended (SE) and low voltage differential
(LVD) SCSI termination integrated into a monolithic component. Mode selection is accomplished with the diff
sense signal.
The diff sense signal is a three level signal, which is driven at each end of the bus by one active terminator. A
LVD or multimode terminator drives the diff sense line to 1.3 V. If diff sense is at 1.3 V, then bus is in LVD mode.
If a single ended SCSI device is plugged into the bus, the diff sense line is shorted to ground. With diff sense
shorted to ground, the terminator changes to single ended mode to accommodate the SE device. If a HVD
device is plugged in to the bus, the diff sense line is pulled high and the terminator shuts down.
The diff sense line is driven and monitored by the terminator through a 50-Hz noise filter for SPI−2 and a 100-ms
to 300-ms filter for SPI−3 and SPI−4 at the DIFFB input pin. A set of comparators, that allow for ground shifts,
determine the bus status as follows. Any diff sense signal below 0.5 V is single ended, between 0.7 V and 1.9
V is LVD and above 2.4 V is HVD.
In the single ended mode, a multimode terminator has a 110-
Ω terminating resistor connected to a 2.7-V
termination voltage regulator. The 2.7-V regulator is used on all unitrode terminators designed for 3.3-V
systems. This requires the terminator to operate in specification down to 2.7-V TRMPWR voltage to allow for
the 3.3-V supply tolerance, an unidirectional fusing device and cable drop. At each L+ pin, a ground driver drives
the pin to ground, while in single ended mode. The ground driver is specially designed so it will not effect the
capacitive balance of the bus when the device is in LVD or disconnect mode. The device requirements call for
1.5-pF balance on the lines of a differential pair. The terminator capacitance has to be a small part of the
capacitance imbalance.
Layout is very critical for Ultra2, Ultra3, Ultra160 and Ultra320 systems. Multilayer boards need to adhere to the
120-
Ω impedance standard, including connector and feed-through. This is normally done on the outer layers
with 4-mil etch and 4-mil spacing between the runs within a pair, and a minimum of 8-mil spacing to the next
pair. This spacing between the pairs reduces potential crosstalk. Beware of feed-throughs and each
through-hole connection adds a lot of capacitance. Standard power and ground plane spacing yields about 1
pF to each plane. Each feed-through will add about 2.5 pF to 3.5 pF. Enlarging the clearance holes on both power
and ground planes can reduce the capacitance and opening up the power and ground planes under the
connector can reduce the capacitance for through-hole connector applications. Microstrip technology is
normally too low of impedance and should not be used. It is designed for 50
Ω rather than 120-Ω differential
systems.
Capacitance balance is critical for Ultra2, Ultra3, Ultra160 and Ultra320. The balance capacitance standard is
0.5 pF per line with the balance between pairs of 2 pF. The components are designed with very tight balance,
typically 0.1 pF between pins in a pair and 0.3 pF between pairs. Layout balance is critical, feed-throughs and
etch length must be balanced, preferably no feed-throughs would be used. Capacitance for devices should be
measured in the typical application, material and components above and below the circuit board effect the
capacitance.
Multimode terminators need to consider power dissipation; the UCC5628 is offered in a power package with
heat sink ground pins. These heat-sink ground pins are directly connected to the die mount paddle under the
die and conduct heat from the die to reduce the junction temperature. These pins need to be connected to etch
area or a feed-through per pin connecting to the ground plane layer on a multilayer board.
In 3.3-V TRMPWR systems, the UCC3912 should be used to replace the fuse and diode. This reduces the
voltage drop, allowing for cable drop to the far end terminator. 3.3-V battery systems normally have a 10%
tolerance. The UCC3912 is 150-mV drop under LVD loads, allowing 150-mV drop in the cable system. All
Unitrode LVD and multimode terminators are designed for 3.3-V systems, operating down to 2.7 V.


Similar Part No. - UCC5628FQPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5628FQPTR TI-UCC5628FQPTR Datasheet
68Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
More results

Similar Description - UCC5628FQPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5629 TI-UCC5629 Datasheet
54Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5629 TI1-UCC5629_08 Datasheet
403Kb / 12P
[Old version datasheet]   MULTIMODE SCSI 14 LINE TERMINATOR
UCC5638 TI-UCC5638 Datasheet
48Kb / 5P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
   9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5631A TI1-UCC5631A_09 Datasheet
265Kb / 10P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5638 TI1-UCC5638_06 Datasheet
138Kb / 8P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
UCC5630A TI-UCC5630A Datasheet
146Kb / 8P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com