Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5630FQPTR Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5630FQPTR
Description  Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5630FQPTR Datasheet(HTML) 3 Page - Texas Instruments

  UCC5630FQPTR Datasheet HTML 1Page - Texas Instruments UCC5630FQPTR Datasheet HTML 2Page - Texas Instruments UCC5630FQPTR Datasheet HTML 3Page - Texas Instruments UCC5630FQPTR Datasheet HTML 4Page - Texas Instruments UCC5630FQPTR Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
UCC5630
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, TA = 0°C to 70°C, TRMPWR = 3.3V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
2.7V Regulator
Single Ended Mode
2.5
2.7
3
V
2.7V Regulator Source Current
Single Ended Mode
–200
–400
–800
mA
2.7V Regulator Sink Current
Single Ended Mode
100
200
400
mA
2.7V Regulator Dropout Voltage
VTRMPWR – (VREG – 2.7 Min)
200
mV
Differential Termination Section
Differential Impedance
100
105
110
Common Mode Impedance
110
125
165
Differential Bias Voltage
Drivers Tri-stated
100
125
mV
Common Mode Bias
1.25
V
Output Capacitance
Single Ended Measurement to Ground (Note 1)
3.5
pF
Single Ended Termination Section
Impedance
102.3
110
117.7
Termination Current
Signal Level 0.2V
–21
–23
–25.4
mA
Signal Level 0.5V
–22.4
mA
Output Leakage
Disabled, TRMPWR = 0V to 5.25V
400
nA
Output Capacitance
Single Ended Measurement to Ground (Note 1)
3
pF
Single Ended GND SW Impedance
60
Disconnect (DISCNCT) Input Section
DISCNCT Threshold
0.8
2.0
V
DISCNCT Input Current
VDISCNCT = 0V and 3.3V
–30
30
µA
Differential Sense (DIFFB) Input Sections
DIFFB Single Ended Threshold
0.6
0.7
V
DIFFB Sense LVDS Threshold
1.9
2.2
V
DIFFB Input Current
VDIFFB = 0V and 3.3V
–30
30
µA
Master/Slave (MSTR/SLV) Input Section
MSTR/SLV Threshold
0.8
2
V
MSTR/SLV Input Current
–30
30
µA
Status Bits (SE, LVD, HIPD) Output Section
ISOURCE
VLOAD = 2.4V
–4
–8.7
mA
ISINK
VLOAD = 0.5V
3
6
mA
VLOAD = 0.4V
2
5
mA
Note 1: Guaranteed by design. Not 100% tested in production.
PIN DESCRIPTIONS
DIFFB: DIFSENS filter pin should be connected to a
0.1
µF capacitor to GND and 20k resistor to SCSI/Bus
DIFSENS Line.
DIFSENS: The SCSI bus DIFSENS line is driven to 1.3V
to detect what type of devices are connected to the SCSI
bus.
DISCNCT: Disconnect shuts down the terminator when it
is not at the ended of the bus. The disconnect pin low en-
ables the terminator.
HIPD: TTL compatible status bit indicating high voltage
differential has been detected on DIFFB. The terminator
is in shutdown. (Not valid in disconnect mode.)
HS/GND: Heat Sink GND. Connect to large area PC
board traces to increase power dissipation capability.
GND: Power Supply Return.
L1– thru L9–: Signal line/active line for single ended or
negative line in differential applications for the SCSI bus.
L1+ thru L9+: Ground line for single ended or positive
line for differential applications for the SCSI bus.
LVD: TTL compatible status bit indicating low voltage dif-
ferential level on DIFFB. The terminator is in LVD
mode.(Not valid in disconnect mode.)


Similar Part No. - UCC5630FQPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5630A TI-UCC5630A Datasheet
146Kb / 8P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630AFQP TI-UCC5630AFQP Datasheet
146Kb / 8P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630AFQP TI1-UCC5630AFQP Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
More results

Similar Description - UCC5630FQPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5510 TI-UCC5510 Datasheet
40Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5640 TI-UCC5640 Datasheet
171Kb / 10P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5641 TI-UCC5641 Datasheet
66Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Texas Instruments
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com