Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBC4-6TLD Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # WBC4-6TLD
Description  Mini Wideband Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

WBC4-6TLD Datasheet(HTML) 3 Page - Coilcraft lnc.

  WBC4-6TLD Datasheet HTML 1Page - Coilcraft lnc. WBC4-6TLD Datasheet HTML 2Page - Coilcraft lnc. WBC4-6TLD Datasheet HTML 3Page - Coilcraft lnc. WBC4-6TLD Datasheet HTML 4Page - Coilcraft lnc. WBC4-6TLD Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WBC Series SMT Mini Wideband Transformers
Document 424-3 Revised 07/01/15
Document 424-3
Attenuation measured on a network analyzer (re: 50 Ohms)
5
4
3
2
1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
-6
-3
-12
-9
-15
3
6
9
0
0
-1
-2
-3
-4
-5
1
2
3
4
5
15
12
0.01
Phase imbalance
Magnitude imbalance
0.1
1
10
100
1000
10000
10000
Frequency (MHz)
WBC1-1L
WBC1-1L
3 dB bandwidth: 0.400 – 600 MHz
0.01
0.1
1
10
100
1000
Frequency (MHz)
-6
-3
-12
-9
-15
3
6
9
0
0
-1
-2
-3
-4
-5
1
2
3
4
5
15
12
0.01
Phase imbalance
Magnitude imbalance
0.1
1
10
100
1000
10000
10000
Frequency (MHz)
WBC1-1TL
WBC1-1TL
3 dB bandwidth: 0.250 – 750 MHz
5
4
3
2
1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
-6
-3
-12
-9
-15
3
6
9
0
0
-1
-2
-3
-4
-5
1
2
3
4
5
15
12
0.01
Phase imbalance
Magnitude imbalance
0.1
1
10
100
1000
10000
10000
Frequency (MHz)
WBC2-1TL
WBC2-1TL
3 dB bandwidth: 0.200 – 500 MHz
5
4
3
2
1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
-6
-3
-12
-9
-15
3
6
9
0
0
-1
-2
-3
-4
-5
1
2
3
4
5
15
12
0.01
Phase imbalance
Magnitude imbalance
0.1
1
10
100
1000
10000
10000
Frequency (MHz)
WBC3-1TL
WBC3-1TL
3 dB bandwidth: 0.300 – 900 MHz
5
4
3
2
1
0


Similar Part No. - WBC4-6TLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WBC4-6TL COILCRAFT-WBC4-6TL Datasheet
286Kb / 3P
   SMT Mini Wideband Transformers
More results

Similar Description - WBC4-6TLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WBC1-1L COILCRAFT-WBC1-1L Datasheet
286Kb / 3P
   SMT Mini Wideband Transformers
logo
MPS Industries, Inc.
R3838 MPSIND-R3838 Datasheet
574Kb / 1P
   SMT MINI WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
PFD2015_WIDEBAND COILCRAFT-PFD2015_WIDEBAND_15 Datasheet
533Kb / 2P
   Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SLD COILCRAFT-WB1-1SLD_15 Datasheet
616Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com