Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD250-1L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SD250-1L
Description  Base/Gate Driver Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SD250-1L Datasheet(HTML) 1 Page - Coilcraft lnc.

  SD250-1L Datasheet HTML 1Page - Coilcraft lnc. SD250-1L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Base/Gate Driver Transformers
Document 130 -1
Document 130-1 Revised 04/20/12
• Lower cost than toroidal equivalents
• Frequency range of 10 – 250 kHz and up
• Industry standard pin centers
• 3750 Vrms, one minute isolation (hipot) between
primary and secondary windings; 1500 Vrms, one
minute between secondaries
• UL1446 Class B (130°C) Insulation System
(UL File E83628)
Coilcraft
Designer’s Kit No. P404 contains samples of four
standard driver transformers.To order, contact Coilcraft or
visit
http://order.coilcraft.com to purchase on-line.
SD250-1L
SD250-2L
SD250-3L
SD250-4L
Turns ratio ±3% (pri:sec)
1 : 1
1 : 1.5
1 : 1 : 1
1 : 1.5 : 1.5
Primary winding
Inductance (min)1
1.5 mH
1.5 mH
1.5 mH
1.5 mH
Leakage inductance (max)1
4.0 µH
4.0 µH
4.0 µH
4.0 µH
DCR
0.4
0.4
0.4
0.4
Volt-time product
375 V-µsec
375 V-µsec
375 V-µsec
375 V-µsec
Secondary winding(s)
Capacitance, pri to sec (max)
50 pF
50 pF
50 pF
50 pF
DCR, each section (max)
0.75
2.5
0.75
2.5
1. Measured at 1 Vrms, 15.75 kHz.
2. Operating temperature range –40°C to +85°C.
3. Electrical specifications at 25°C.
5
6
10
1
Pri
(drive)
Pri
(drive)
5
1
Sec
9
10
Sec 2
6
7
Sec 1
SD250-1 and 250-2
SD250-3 and 250-4
0.044
1,12
0.15 ±0.030
3,81 ±0,762
0.032
0,813
0.950
24,13
max
dia ref
dia
Pins 7 and 9 are not present
on SD250-1 and SD250-2
0.62 ±0.015
15,75 ±0,38
0.75
19,05
Recommended
board layout
0.20
5,08
0.40
10,16
0.80
20,32
1
5
67
910
1.10
27,94
0.395
10,03
1.10
27,94
max
max
Notch
indicates
pin 1
max
15
6
7
9
10
Weight:
15.6 – 16.8 g
Termination: Tin-silver over tin over copper
Packaging:
49 per tray


Similar Part No. - SD250-1L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SD250-1L COILCRAFT-SD250-1L Datasheet
78Kb / 1P
   Base/Gate Driver Transformers
More results

Similar Description - SD250-1L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SD250-1L COILCRAFT-SD250-1L Datasheet
78Kb / 1P
   Base/Gate Driver Transformers
logo
List of Unclassifed Man...
SD250-1 ETC1-SD250-1 Datasheet
144Kb / 2P
   Base/Gate Driver Transformers
logo
Premier Magnetics, Inc.
PMGD-02 PMI-PMGD-02 Datasheet
117Kb / 3P
   GATE DRIVE & BASE DRIVE TRANSFORMERS
logo
Rhombus Industries Inc.
T-1055 RHOMBUS-IND-T-1055 Datasheet
38Kb / 1P
   BASE/GATE DRIVER TRANSFORMER
logo
TT Electronics.
HM42 TTELEC-HM42 Datasheet
770Kb / 2P
   Gate Drive Transformers
logo
Bi technologies
HM42 BITECH-HM42_15 Datasheet
312Kb / 2P
   Gate Drive Transformers
logo
Rhombus Industries Inc.
T-15200 RHOMBUS-IND-T-15200 Datasheet
47Kb / 1P
   100 BASE-T4 TRANSFORMERS
T-15202 RHOMBUS-IND-T-15202 Datasheet
49Kb / 1P
   100 BASE-T4 TRANSFORMERS
T-13010 RHOMBUS-IND-T-13010 Datasheet
57Kb / 2P
   10 BASE-T Transformers
logo
Pulse A Technitrol Comp...
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com