Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE600F Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # POE600F
Description  60 W PoE Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

POE600F Datasheet(HTML) 1 Page - Coilcraft lnc.

  POE600F_15 Datasheet HTML 1Page - Coilcraft lnc. POE600F_15 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60 W PoE Transformers
Document 1215-1
Document 1215-1 Revised 07/09/15
DCR max3
Leakage
Part
Inductance2
(mOhms)
inductance4
Turns ratio5
number1
±20% (µH)
pri : sec : aux
max (µH)
pri : sec : aux
Output6
POE600F-33L_
100
35
: 2.30 : 185
0.55
6
: 1 : 3.5
3.3 V, 18.18 A
POE600F-50L_
100
35
: 2.70 : 185
0.30
4
: 1 : 2.3
5.0 V, 12 A
POE600F-12L_
100
35
: 8.00 : 156
0.17
2
: 1 : 1
12 V, 5.0 A
POE600F-24L_
100
35
: 30 : 156
0.14
1
: 1 : 0.5
24 V, 2.5 A
For Active Clamp
Forward Topology
Primary windings and secondary
windings to be connected in parallel
on the PC board.
Core material Ferrite
Terminations RoHS tin-silver over tin over nickel over phos bronze.
Other terminations available at additional cost.
Weight 12.7 g
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 175 per 13
″ reel Plastic tape: 44 mm wide, 0.4 mm thick,
32 mm pocket spacing, 11.9 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Designed for active clamp forward topology
• Operates at 200 kHz, with 36 – 72 Volt input
• Includes a 12-Volt auxiliary winding
• Isolation: 1500 Vrms, one minute primary and aux to secondary;
500 Vrms primary to auxiliary
1. When ordering, please specify
packaging code:
POE600F-50LD
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic tape (175 parts per full reel).
B = Less than full reel. In tape, but not machine ready. To have a leader and trailer
added ($25 charge), use code letter D instead.
2. Inductance is for the primary, measured at 200 kHz, 0.1 Vrms, 0 Adc.
3. DCR for the primary and the secondary is measured with the windings connected in parallel.
4. Leakage inductance is for the primary and is measured with all secondary windings shorted.
5. Turns ratio is with the primary windings and the secondary windings connected in parallel.
6. Output is with the secondary windings connected in parallel.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
1
2
3
4
9
8
7
12
11
10
Aux
Pri
Sec
5
6


Similar Part No. - POE600F_15

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
POE60C-12L COILCRAFT-POE60C-12L Datasheet
200Kb / 2P
   Miniature Flyback Transformers for PoE
POE60C-12LB COILCRAFT-POE60C-12LB Datasheet
164Kb / 2P
   Miniature Flyback Transformers for PoE
POE60C-12LD COILCRAFT-POE60C-12LD Datasheet
164Kb / 2P
   Miniature Flyback Transformers for PoE
POE60C-18L COILCRAFT-POE60C-18L Datasheet
200Kb / 2P
   Miniature Flyback Transformers for PoE
POE60C-18LB COILCRAFT-POE60C-18LB Datasheet
164Kb / 2P
   Miniature Flyback Transformers for PoE
More results

Similar Description - POE600F_15

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
POE120PL-33L COILCRAFT-POE120PL-33L_15 Datasheet
434Kb / 2P
   120 W PoE Planar Transformers
logo
NIC-Components Corp.
NLTM NIC-NLTM Datasheet
123Kb / 3P
   POE Transformers
logo
Coilcraft lnc.
FA2671-AL COILCRAFT-FA2671-AL Datasheet
191Kb / 1P
   PoE Transformers
DA2420 COILCRAFT-DA2420_13 Datasheet
106Kb / 1P
   PoE Transformers
DA2420-AL COILCRAFT-DA2420-AL Datasheet
81Kb / 1P
   PoE Transformers
POE300F-33L COILCRAFT-POE300F-33L Datasheet
205Kb / 2P
   PoE Plus Transformers
POE60F-18L COILCRAFT-POE60F-18L_13 Datasheet
156Kb / 2P
   Flyback Transformers for PoE
POE60F-18L COILCRAFT-POE60F-18L Datasheet
202Kb / 2P
   Flyback Transformers for PoE
logo
Central Technologies
CTPTF CT-CTPTF Datasheet
554Kb / 3P
   SMD PoE Power Transformers
logo
Bourns Electronic Solut...
POE-FD BOURNS-POE-FD Datasheet
1Mb / 6P
   POE-FD Series - PoE DC/DC Transformers
Mar 31, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com