Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM16TT72JPN Datasheet(PDF) 10 Page - Texas Instruments

Part # TM16TT72JPN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16TT72JPN Datasheet(HTML) 10 Page - Texas Instruments

Back Button TM16TT72JPN Datasheet HTML 6Page - Texas Instruments TM16TT72JPN Datasheet HTML 7Page - Texas Instruments TM16TT72JPN Datasheet HTML 8Page - Texas Instruments TM16TT72JPN Datasheet HTML 9Page - Texas Instruments TM16TT72JPN Datasheet HTML 10Page - Texas Instruments TM16TT72JPN Datasheet HTML 11Page - Texas Instruments TM16TT72JPN Datasheet HTML 12Page - Texas Instruments TM16TT72JPN Datasheet HTML 13Page - Texas Instruments TM16TT72JPN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TM8TT64JPN, TM16TT64JPN
TM8TT72JPN, TM16TT72JPN
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS700A − APRIL 1998 − REVISED AUGUST 1998
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted) (see Note 3)
TMxTTxxJPN
PARAMETER
TEST CONDITIONS
’xTTxxJPN-8
’xTTxxJPN-8A
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = − 2 mA
2.4
2.4
V
VOL
Low-level output voltage
IOL = 2 mA
0.4
0.4
V
II
Input current (leakage)
0 V
≤ VI ≤ VDD + 0.3 V,
All other pins = 0 V to VDD
"10
"10
µA
IO
Output current (leakage)
0 V
≤ VO ≤ VDD +0.3 V, Output disabled
"10
"10
µA
ICC1
Operating current
Burst length = 1,
tRC ≥ tRC MIN,
CAS latency = 2
115
95
mA
ICC1
Operating current
tRC ≥ tRC MIN,
IOH/IOL = 0 mA
(See Notes 4, 5, and 6)
CAS latency = 3
125
95
mA
ICC2P
Precharge standby current in
CKE
≤ VIL MAX, tCK = 15 ns (see Note 7)
1
1
mA
ICC2PS
Precharge standby current in
power-down mode
CKE and CK
≤ VIL, MAX, tCK = ∞
(see Note 8)
1
1
mA
ICC2N
Active standby current in
CKE
≥ VIH MIN, tCK = 15 ns (see Note 7)
40
40
mA
ICC2NS
Active standby current in
non-power-down mode
tCK = ∞ (see Note 8)
5
5
mA
ICC3P
Active standby current in
CKE
≤ VIL MAX, tCK = 15 ns
(see Notes 4 and 7)
8
8
mA
ICC3PS
Active standby current in
power-down mode
CKE and CK
≤ VIL MAX, tCK = ∞
(see Notes 4 and 8)
8
8
mA
ICC3N
Precharge standby current in
CKE
≥ VIH MIN,
tCK = 15 ns (see Notes 4 and 7)
50
50
mA
ICC3NS
Precharge standby current in
non-power-down mode
CKE
≥ VIH MIN,
CK
≤ VIL MAX, tCK = ∞
(see Notes 4 and 8)
15
15
mA
ICC4
Burst current
Page burst,
IOH/IOL = 0 mA
All banks activated,
CAS latency = 2
165
120
mA
ICC4
Burst current
OH OL
All banks activated,
nCCD = one cycle
(see Notes 9 and 10)
CAS latency = 3
225
165
mA
ICC5
Auto-refresh current
tRC ≤ tRC MIN
CAS latency = 2
150
150
mA
ICC5
Auto-refresh current
tRC ≤ tRC MIN
(see Notes 5 and 8)
CAS latency = 3
150
150
mA
ICC6
Self-refresh current
CKE
≤ VIL MAX
1
1
mA
† Specifications in this table represent a single SDRAM device.
NOTES:
3. All specifications apply to the device after power-up initialization. All control and address inputs must be stable and valid.
4. Only one bank is activated.
5. tRC ≥ tRCMIN
6. Control and address inputs change state twice during tRC.
7. Control and address inputs change state once every 30 ns.
8. Control and address inputs do not change state (stable).
9. Control and address inputs change once every cycle.
10. Continuous burst access, nCCD = 1 cycle


Similar Part No. - TM16TT72JPN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM160128A ETC1-TM160128A Datasheet
26Kb / 1P
   TM160128A
logo
Shenzhen Titan Micro El...
TM1616 TITAN-TM1616 Datasheet
380Kb / 15P
   LED
TM1617 TITAN-TM1617 Datasheet
645Kb / 16P
   LED
TM1618 TITAN-TM1618 Datasheet
599Kb / 17P
   LED
logo
List of Unclassifed Man...
TM161AACU6 ETC1-TM161AACU6 Datasheet
99Kb / 1P
   TM161AACU6
More results

Similar Description - TM16TT72JPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com