Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS181 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS181
Description  6 Gbps TMDS Retimer
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMDS181 Datasheet HTML 2Page - Texas Instruments TMDS181 Datasheet HTML 3Page - Texas Instruments TMDS181 Datasheet HTML 4Page - Texas Instruments TMDS181 Datasheet HTML 5Page - Texas Instruments TMDS181 Datasheet HTML 6Page - Texas Instruments TMDS181 Datasheet HTML 7Page - Texas Instruments TMDS181 Datasheet HTML 8Page - Texas Instruments TMDS181 Datasheet HTML 9Page - Texas Instruments TMDS181 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
6
TMDS181, TMDS181I
SLASE75C – AUGUST 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: TMDS181 TMDS181I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions(1) (continued)
PIN
TYPE(2)
DESCRIPTION
NAME
NO.
SDA_CTL
16
I/0
I2C data signal
Note: When I2C_EN = Low Pin strapping takes priority and those functions cannot be
changed by I2C
VSadj
22
I
TMDS-compliant voltage swing control nominal resistor to GND
A1
27
I
High address bit 2 for I2C programming
Weak internal pull down
Note: When in Pin Strapping Mode leave pin as No connect
TX_TERM_CTL
36
I
3 level
Transmit termination control
TX_TERM_CTL = H, no transmit termination
TX_TERM_CTL = L, transmit termination impedance in approximately 75 to 150
TX_TERM_CTL = No Connect, automatically selects the termination impedance
Data rate (DR) > 3.4 Gbps – 75 to 150 Ω differential near end termination
2 Gbps > DR < 3.4 Gbps – 150 to 300 Ω differential near end termination
DR < 2 Gbps – no termination
Note: If left floating will be in automatic select mode.
SWAP/POL
1
I
3 level
Input lane SWAP and polarity control pin
SWAP/POL = H: receive lanes polarity swap (retimer mode only)
SWAP/POL = L: receive lanes swap (redriver and retimer mode)
SWAP/POL = No Connect: normal operation
NC
18, 40
NA
No connect
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage(3)
VCC
–0.3
4
V
VDD
–0.3
1.4
Voltage
Main link input differential voltage (IN_Dx, IN_CLKx) IIN = 15mA
VCC - 0.75V
VCC + 0.3V
V
TMDS outputs ( OUT_Dx)
–0.3
4
HPD_SRC, Vsadj, SDA_CTL, SCL_CTL, OE, A1, PRE_SEL, EQ_SEL/A0,
I2C_EN/PIN, SIG_EN, TX_TERM_CTL,
–0.3
4
HDP_SNK, SDA_SNK, SCL_SNK, SDA_SRC, SCL_SRC
–0.3
6
Input Current IIN
Main link input current (IN_Dx, IN_CLKx)
15
mA
Continuous power dissipation
See Thermal Information
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500


Similar Part No. - TMDS181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
TMDS181I TI1-TMDS181I Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
TMDS181IRGZR TI1-TMDS181IRGZR Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
TMDS181IRGZT TI1-TMDS181IRGZT Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
TMDS181RGZR TI1-TMDS181RGZR Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
More results

Similar Description - TMDS181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
[Old version datasheet]   25 Gbps Multi-Rate 4-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com