Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP122AIDBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP122AIDBVRG4
Description  1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP122AIDBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TMP122AIDBVRG4 Datasheet HTML 1Page - Texas Instruments TMP122AIDBVRG4 Datasheet HTML 2Page - Texas Instruments TMP122AIDBVRG4 Datasheet HTML 3Page - Texas Instruments TMP122AIDBVRG4 Datasheet HTML 4Page - Texas Instruments TMP122AIDBVRG4 Datasheet HTML 5Page - Texas Instruments TMP122AIDBVRG4 Datasheet HTML 6Page - Texas Instruments TMP122AIDBVRG4 Datasheet HTML 7Page - Texas Instruments TMP122AIDBVRG4 Datasheet HTML 8Page - Texas Instruments TMP122AIDBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TMP122, TMP124
5
SBOS272B
www.ti.com
APPLICATIONS INFORMATION
The TMP122 and TMP124 digital temperature sensors are
optimal for thermal management and thermal protection appli-
cations. The TMP122/TMP124 are SPI interface-compatible
and specified for a temperature range of –40
°C to +125°C.
The TMP122/TMP124 require minimal external components
for operation, needing only a pull-up resistor on the ALERT
pin and a bypass capacitor on the supply. Bypass capacitors
of 0.1
µF is recommended. Figure 1 shows typical connec-
tions for the TMP122 and TMP124.
FIGURE 1. Typical Connections of the TMP122 and TMP124.
COMMUNICATING WITH THE TMP122
The TMP122/TMP124 converts continuously. If CS is brought
low during a conversion the conversion process continues, but
the last completed conversion is available at the output regis-
ter. Communication with the TMP122/TMP124 is initiated by
pulling CS low. The first 16 clocks of data transfer will return
temperature data from the temperature sensors. The 16-bit
data word is clocked out sign bit first, followed by the MSB. Any
portion of the 16-bit word may be read before raising CS . If the
user wishes to continue with CS low, the following 16 clocks
transfer in a READ or WRITE command. READ and WRITE
commands are described in Tables I and II.
The READ command contains an embedded address in bits
D4 and D3 to identify which register to read. Bits D4 and D3
are internally registered and will hold their value following a
READ command until a entire 16-bit read is completed by the
user. The completion of the 16-bit READ acknowledges that
the READ command has been completed. If the user issues
a READ command and then raises CS with less than 16
subsequent clocks, the data from that register will be available
at the next fall of CS . The registered READ address will
remain in effect until a full 16 clocks have been received. After
the completion of a 16-bit READ from the part, the READ
address is reset to return data from the Temperature Register.
A WRITE command to a register will not change the READ
address registered. For further discussion on the READ ad-
dress register, see the
Read Address Register section.
Multiple commands may be strung together as illustrated in
Figure 2. The TMP122/TMP124 accepts commands alternat-
ing with 16-bit response data. On lowering CS , the part
always responds with a READ from the address location
indicated by the READ address register. If the next com-
mand is a READ command then data is returned from the
address specified by the READ command with the 16th clock
resetting the READ address register to the default tempera-
ture register. The TMP122/TMP124 then expect a 16-bit
command. If the command is a WRITE command, then the
16 clocks following the command will again return tempera-
ture data.
Figures 3, 4, 5, and 6 detail the communication sequences.
TMP122
0.1
µF
V+
GND
2
5
1
3
CS
NOTE: Alert requires
pull-up resistor (open drain).
NC indicates pin should be left
open or floating.
ALERT
(Output)
4
6
SCK
SO/I
TMP124
0.1
µF
V+
GND
4
5
7
8
ALERT
(Output)
6
NC
CS
NC
SCK
SO/I
3
1
2
To maintain accuracy in applications requiring air or surface
temperature measurement, care should be taken to isolate
the package and leads from ambient air temperature.
Read Command
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Temperature
1000000
0
0
00
0
0
000
Configuration Register
1000000
0
0
00
0
1
000
Low Temp Threshold
1000000
0
0
00
1
0
000
High Temp Threshold
1000000
0
0
00
1
1
000
TABLE I. Read Command.
Write Command
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Configuration Register
0000
D1
D0
R1
R0
F1
F0
POL
TM1
TM0
0
1
0
Low Temp Threshold
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
1
0
0
High Temp Threshold
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
1
1
0
Shutdown Command
xxxxxxxx
1111
1
1
1
1
TABLE II. Write Command.
16-Bit
READ
CS
SO/I
16-Bit
READ
COMMAND
16-Bit
Response
16-Bit
WRITE/
Embedded
Address
16-Bit
READ
FIGURE 2.Multiple Command Sequence.


Similar Part No. - TMP122AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP122AIDBVR BURR-BROWN-TMP122AIDBVR Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
More results

Similar Description - TMP122AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com