Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP461 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP461
Description  High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 3Page - Texas Instruments TMP461 Datasheet HTML 4Page - Texas Instruments TMP461 Datasheet HTML 5Page - Texas Instruments TMP461 Datasheet HTML 6Page - Texas Instruments TMP461 Datasheet HTML 7Page - Texas Instruments TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments TMP461 Datasheet HTML 10Page - Texas Instruments TMP461 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Differential Capacitance (nF)
0
5
10
15
20
25
-30
-25
-20
-15
-10
-5
0
D005
Conversion Rate (Hz)
0.01
0.1
1
10
100
0
50
100
150
200
250
300
350
400
D007
Series Resistance (:)
0
500
1000
1500
2000
2500
3000
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D004
Leakage Resistance (M:)
1
2
3
4 5 6 7 8 10
20
30 40 50 70 100
-60
-40
-20
0
20
D+ to GND
D+ to V+
Ambient Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Mean
6V
Mean + 6V
Ambient Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1.1
-0.9
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
0.9
Mean
6V
Mean + 6 V
7
TMP461
www.ti.com
SBOS722B – JUNE 2015 – REVISED AUGUST 2016
Product Folder Links: TMP461
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.7 Typical Characteristics
At TA = 25°C and V+ = 3.6 V, unless otherwise noted.
Typical behavior of 25 devices over temperature
Figure 2. Local Temperature Error vs
Ambient Temperature
Typical behavior of 25 devices over temperature
Figure 3. Remote Temperature Error vs
Ambient Temperature
Figure 4. Remote Temperature Error vs
Leakage Resistance
No physical capacitance during measurement
Figure 5. Remote Temperature Error vs
Series Resistance
No physical series resistance on D+, D– pins during measurement
Figure 6. Remote Temperature Error vs
Differential Capacitance
Figure 7. Quiescent Current vs Conversion Rate


Similar Part No. - TMP461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP461 TI1-TMP461 Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
More results

Similar Description - TMP461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP461 TI1-TMP461_V01 Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI-TMP461_15 Datasheet
430Kb / 33P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP4718 TI-TMP4718 Datasheet
1Mb / 50P
[Old version datasheet]   TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
MAY 2023
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
[Old version datasheet]   High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com