Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP814 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP814
Description  Variable Speed Single-phase Full-wave Fan Motor Predriver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP814 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP814 Datasheet HTML 5Page - Texas Instruments TMP814 Datasheet HTML 6Page - Texas Instruments TMP814 Datasheet HTML 7Page - Texas Instruments TMP814 Datasheet HTML 8Page - Texas Instruments TMP814 Datasheet HTML 9Page - Texas Instruments TMP814 Datasheet HTML 10Page - Texas Instruments TMP814 Datasheet HTML 11Page - Texas Instruments TMP814 Datasheet HTML 12Page - Texas Instruments TMP814 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TMP814
www.ti.com
SLDS151A – MAY 2009 – REVISED JUNE 2015
Feature Description (continued)
7.3.2 Constant Voltage Bias
Constant Voltage Bias is provided through VOVER Pin. This must be used for applications of 24 V and 48 V.
See Figure 3. This drive limits the VCC under permissible values even when Vm > 18 V. Leave this pin open
when not in use.
7.3.3 Soft-Start
Soft-Start Time can be using the ROFF pin. Connect 6 to 6VREG is not used.
7.3.4 Lock Detection
When the rotor is locked by external means or load conditions, The lock detection feature helps to protect the
circuit by not allowing the current to rise beyond control. A hiccup mechanism is also provided. The lock
detection is enabled by a connection to the lock detection capacitor. When the pin voltage rises to 1.2 V, the
constant current charge and discharge circuits cause the drive to and enables it back when voltage reaches 0. If
lock detection feature is not desired in the application, then this pin must be connected to ground.
7.3.5 Current Limit
Current limit resistor is connected in a return path of H Bridge connection. This input is connected to the SENSE
pin where the Current is limited when the voltage across this resistor crosses the voltage at VLIM Pin. If not
used, this pin needs to be connected to ground.
7.3.6 Minimum Speed Setting
Minimum speed setting feature is used with the RMI pin in the device. Connect to 6VREG with a pullup resistor if
not used.
7.3.7 Speed Output
The speed of the motor while running can be observed at the FG pin which is an open collector output and
needs to be pulled high for using it.
7.3.8 Drive Frequency Selection
The P channel switches in the device are switched with higher frequency whose duty cycle is decided by the
speed control input. The frequency of the operation can be decided by the capacitor connected at the CPWM
pin. As this is used also for the current limiting canceling signal, be sure to connect the capacitor even when
speed control is not used.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMP814


Similar Part No. - TMP814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
More results

Similar Description - TMP814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP815 TI1-TMP815_15 Datasheet
3Mb / 20P
[Old version datasheet]   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP816 TI1-TMP816_15 Datasheet
1Mb / 20P
[Old version datasheet]   TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com