Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFL1610-222MEU Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PFL1610-222MEU
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFL1610-222MEU Datasheet(HTML) 1 Page - Coilcraft lnc.

  PFL1610-222MEU Datasheet HTML 1Page - Coilcraft lnc. PFL1610-222MEU Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ShieldedPowerInductors–PFL1610
Document 753 -1
Document 753-1 Revised 09/13/15
• Low cost, low profile, 0603 size power inductor
• Current handling of much larger inductors; up to 2350 mA.
Inductance2
DCR (mOhms)3
SRF typ4
Isat (mA)5
Irms (mA)6
Part number1
±20% (µH)
typ
max
(MHz)
10% drop
20% drop 30% drop
20°C rise
40°C rise
PFL1610-331ME_
0.33
85
98
644
1140
1860
2350
1100
1500
PFL1610-471ME_
0.47
183
205
540
1000
1700
1820
770
1000
PFL1610-561ME_
0.56
143
160
475
800
1400
1600
700
900
PFL1610-681ME_
0.68
203
223
423
800
1500
1630
720
970
PFL1610-102ME_
1.0
331
365
351
650
1000
1260
570
750
PFL1610-222ME_
2.2
1120
1230
105
330
555
660
280
380
PFL1610-472ME_
4.7
1560
1720
85
290
480
560
230
310
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver-plati-
num-glass frit. Other terminations available at additional cost.
Core material Composite
Core and winding loss See www.coilcraft.com/coreloss
Weight 5.4 – 5.7 mg
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel Paper tape: 8 mm wide, 1.0 mm thick,
4 mm pocket spacing
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
1. When ordering, please specify
packaging codes:
PFL1610-472MEW
Packaging: W= 7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter W instead.
2. Inductance tested at 7.9 MHz, 0.1 Vrms using a Coilcraft SMD-F test fixture with an Agilent/HP 4286 impedance analyzer and Coilcraft-provided cor-
relation pieces.
3. DCR measured using a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture.
5. DC current at 25°C that causes the specified inductance drop from its value without current. Click for temperature derating information.
6. Current that causes the specified temperature rise from 25°C ambient. This information is for reference only and does not represent absolute maximum
ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - PFL1610-222MEU

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFL1610-102ME COILCRAFT-PFL1610-102ME Datasheet
192Kb / 2P
   Shielded Power Inductors
PFL1610-331ME COILCRAFT-PFL1610-331ME Datasheet
192Kb / 2P
   Shielded Power Inductors
PFL1610-471ME COILCRAFT-PFL1610-471ME Datasheet
192Kb / 2P
   Shielded Power Inductors
PFL1610-681ME COILCRAFT-PFL1610-681ME Datasheet
192Kb / 2P
   Shielded Power Inductors
More results

Similar Description - PFL1610-222MEU

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com