Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFL1005-271MRU Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PFL1005-271MRU
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFL1005-271MRU Datasheet(HTML) 1 Page - Coilcraft lnc.

  PFL1005-271MRU Datasheet HTML 1Page - Coilcraft lnc. PFL1005-271MRU Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ShieldedPowerInductors–PFL1005
Document 739 -1
Document 739-1 Revised 09/13/15
The industry’s first true 0402 size shielded power inductor.
Inductance2
DCR (Ohms)3
SRF typ4
Isat (mA)5
Irms (mA)6
Part number1
±20% (nH)
typ
max
(MHz)
10% drop 20% drop 30% drop
20°C rise 40°C rise
PFL1005-18NMR_
18
0.032
0.042
3400
2000
2500
2600
1400
2000
PFL1005-36NMR_
36
0.034
0.043
2500
1500
2400
2800
1400
2000
PFL1005-60NMR_
60
0.042
0.050
2100
1300
1900
2100
1200
1600
PFL1005-101MR_
100
0.059
0.075
2200
1000
1500
1900
1100
1500
PFL1005-181MR_
180
0.19
0.21
1250
700
880
1100
900
1200
PFL1005-271MR_
270
0.22
0.24
920
450
650
740
700
910
PFL1005-391MR_
390
0.45
0.51
770
380
510
550
450
570
PFL1005-561MR_
560
0.48
0.54
620
300
440
490
410
530
PFL1005-721MR_
720
0.62
0.68
560
280
400
450
370
470
PFL1005-102MR_
1000
0.97
1.08
460
270
350
380
310
400
Core material Composite
Core and winding loss See www.coilcraft.com/coreloss
Weight 1.3 – 1.8 mg
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver-
palladium-glass frit.
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel Paper tape: 8 mm wide, 0.68 mm thick,
2 mm pocket spacing
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
1. When ordering, please specify
packaging codes:
PFL1005-102MRW
Packaging: W= 7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter W instead.
2. Inductance tested at 7.9 MHz, 0.1 Vrms using a Coilcraft SMD-F test fixture and Coilcraft-provided correlation pieces with an Agilent/HP 4286
impedance analyzer.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture.
5. DC current at 25°C that causes the specified inductance drop from its value without current. Click for temperature derating information.
6. Current that causes the specified temperature rise from 25°C ambient. This information is for reference only and does not represent absolute maximum
ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - PFL1005-271MRU

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFL1609-102MEU COILCRAFT-PFL1609-102MEU Datasheet
202Kb / 1P
   Kit Contents for C433 PFL1609 and PFL2010 Power Inductors 11 values, 20 of each
PFL1609-102MEU COILCRAFT-PFL1609-102MEU Datasheet
378Kb / 2P
   Shielded Power Inductors
PFL1609-102MEW COILCRAFT-PFL1609-102MEW Datasheet
378Kb / 2P
   Shielded Power Inductors
PFL1609-222MEU COILCRAFT-PFL1609-222MEU Datasheet
202Kb / 1P
   Kit Contents for C433 PFL1609 and PFL2010 Power Inductors 11 values, 20 of each
PFL1609-222MEU COILCRAFT-PFL1609-222MEU Datasheet
378Kb / 2P
   Shielded Power Inductors
More results

Similar Description - PFL1005-271MRU

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com