Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8260 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8260
Description  Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8260 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8260 Datasheet HTML 6Page - NXP Semiconductors TDA8260 Datasheet HTML 7Page - NXP Semiconductors TDA8260 Datasheet HTML 8Page - NXP Semiconductors TDA8260 Datasheet HTML 9Page - NXP Semiconductors TDA8260 Datasheet HTML 10Page - NXP Semiconductors TDA8260 Datasheet HTML 11Page - NXP Semiconductors TDA8260 Datasheet HTML 12Page - NXP Semiconductors TDA8260 Datasheet HTML 13Page - NXP Semiconductors TDA8260 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2004 Sep 03
10
Philips Semiconductors
Product specification
Satellite Zero-IF QPSK/8PSK
downconverter with PLL synthesizer
TDA8260TW
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); see note 1.
Note
1. Maximum ratings cannot be exceeded, not even momentarily, without causing irreversible damage to the IC.
Maximum ratings cannot be accumulated.
THERMAL CHARACTERISTICS
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
ESD specification:
• Every pin withstands 2000 V in the ESD test in accordance with JEDEC specification EIA/JESD-A114A, HBM model
(category 2); except pins SCL (pin 36), VT (pin 33) and VCC(RF) (pin 8).
• Identically every pin withstands 200 V in the ESD test in accordance with JEDEC specification EIA/JESD22-A115A,
MM model (category B); except pins TKA (pin 30) and TKB (pin 29).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
supply voltage
−0.3
+6.0
V
Vi(max); Vo(max)
maximum input or output voltage on all pins except SDA, SCL and VT
−0.3
VCC + 0.3 V
Vi(SDA); Vo(SDA) data input or data output voltage
−0.3
+6.0
V
Vi(SCL)
clock input voltage
−0.3
+6.0
V
Vo(tune)
tuning voltage output
−0.3
+35
V
Tamb
ambient temperature
−20
+85
°C
Tstg
IC storage temperature
−40
+150
°C
Tj(max)
maximum junction temperature
150
°C
tsc(max)
maximum short-circuit time; each pin; short-circuit to VCC or GND
10
s
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
39
K/W


Similar Part No. - TDA8260

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results

Similar Description - TDA8260

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8060TS PHILIPS-TDA8060TS Datasheet
539Kb / 16P
   Satellite ZERO-IF QPSK down-converter
1999 Aug 30
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
   8PSK/QPSK low-power 3.3 V satellite tuner IC
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
   8PSK/QPSK low-power 3.3-V satellite tuner IC
STV6120 STMICROELECTRONICS-STV6120 Datasheet
59Kb / 4P
   8PSK/QPSK low-power 3.3-V dual wide-band satellite tuner IC
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com