Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA6383-ALD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PA6383-ALD
Description  Push-Pull Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PA6383-ALD Datasheet(HTML) 1 Page - Coilcraft lnc.

  PA6383-ALD Datasheet HTML 1Page - Coilcraft lnc. PA6383-ALD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Push-Pull Transformers
Document 1227-1
Document 1227-1 Revised 03/17/15
For Linear LT3999
Push-Pull DC/DC Driver
Primary
Leakage
Part
Input
inductance (µH)2 inductance3
DCR max (Ohms)4
Turns ratio5
number1
voltage (V)
min
max
max (µH)
pri
sec
pri:sec
Output
PA6381-AL_
5.0
139
232
0.52
0.166 (A); 0.201 (B)
1.78
1
: 3.46
12 V, 0.83 A
PA6383-AL_
5.0
29.7
49.5
0.19
0.035 (A); 0.045 (B)
0.067
1
: 1.5
5 V, 1.0 A
PA6384-AL_
12
82.5
137.5
0.336
0.048 (A); 0.061 (B)
0.072
1
: 1.4
12 V, 0.83 A
1. When ordering, specify a
packaging code:
PA6384-ALD
Packaging: D = 13
″ machine ready reel. EIA-481 embossed plastic
tape.
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance is for Pri A measured on an Agilent/HP 4284 at 100 kHz,
0.1 Vrms, 0 Adc.
3. Leakage inductance measured between pins 1 and 4 at 100 kHz, 0.1Vrms,
0 Adc with pins 2 and 3 connected and with secondary pins shorted.
4. DCR for the scondary is for each winding.
5. Turns ratio is with the primary windings and secondary windings connected
in series.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• Developed for Linear LT3999 Low Noise, 1 A, 1 MHz Push-Pull
DC/DC Driver with Duty Cycle Control
• 500 Vrms, one minute isolation primary windings to secondary
windings
Core material Ferrite
Terminations RoHS tin-silver (96.5/3.5) over tin over nickel over phos
bronze.
Weight PA6381-AL, PA6383-AL: 1.9 – 2.1 g; PA6384-AL: 3.8 – 4.0 g
Ambient temperature –40°C to +85°C
Maximum part temperature +125°C (ambient + temp rise)
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging See dimensional drawings
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.


Similar Part No. - PA6383-ALD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PA6331-AE COILCRAFT-PA6331-AE Datasheet
162Kb / 2P
   Power Filter Inductors
PA6340-ALB COILCRAFT-PA6340-ALB Datasheet
282Kb / 1P
   Flyback Transformer
PA6340-ALD COILCRAFT-PA6340-ALD Datasheet
282Kb / 1P
   Flyback Transformer
PA6340 COILCRAFT-PA6340_15 Datasheet
282Kb / 1P
   Flyback Transformer
More results

Similar Description - PA6383-ALD

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82805 TDK-B82805 Datasheet
221Kb / 7P
   SMT Push-Pull Transformers
logo
Premier Magnetics, Inc.
PM-SM15 PMI-PM-SM15 Datasheet
50Kb / 1P
   8-PIN SMD PUSH-PULL TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPC3126G-X PCA-EPC3126G-X_15 Datasheet
33Kb / 1P
   Surface Mount Low Power Push-Pull Transformers
EPC3126G-X-LF PCA-EPC3126G-X-LF Datasheet
33Kb / 1P
   Surface Mount Low Power Push-Pull Transformers
EPC3126G-X-LF PCA-EPC3126G-X-LF_15 Datasheet
34Kb / 1P
   Surface Mount Low Power Push-Pull Transformers
EPC3126G-X PCA-EPC3126G-X Datasheet
32Kb / 1P
   Surface Mount Low Power Push-Pull Transformers
logo
MPS Industries, Inc.
M6212 MPSIND-M6212 Datasheet
441Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPC3126-X PCA-EPC3126-X Datasheet
16Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X PCA-EPC3126-X_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X-LF PCA-EPC3126-X-LF_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com