Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV809SG-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV809SG-G
Description  Off-Line, High Voltage EL Lamp Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV809SG-G Datasheet(HTML) 5 Page - Supertex, Inc

  HV809SG-G Datasheet HTML 1Page - Supertex, Inc HV809SG-G Datasheet HTML 2Page - Supertex, Inc HV809SG-G Datasheet HTML 3Page - Supertex, Inc HV809SG-G Datasheet HTML 4Page - Supertex, Inc HV809SG-G Datasheet HTML 5Page - Supertex, Inc HV809SG-G Datasheet HTML 6Page - Supertex, Inc HV809SG-G Datasheet HTML 7Page - Supertex, Inc HV809SG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Supertex inc.
www.supertex.com
Doc.# DSFP-HV809
B071013
HV809
Function Table
Pin Name
Description
Osc1
The Output H-bridge can be enabled and disabled by connecting the Osc1 pin to the GND and VDD
pins. The output can be left enabled by connecting the Osc1 pin to GND.
Osc2
The RC network can be connected between the oscillator’s Osc1 and Osc2 pins to pulse the EL lamp
on and off.
VDD
Internal supply voltage.
REL-Osc
EL lamp frequency is controlled via an external R
EL resistor connected between the REL-Osc and GND
pins of the device.
VB
VB side of the EL lamp driver H-bridge. Connection for one of the EL lamp terminals.
VA
VA side of the EL lamp driver H-bridge. Connection for one of the EL lamp terminals.
HVIN
High voltage input supply pin.
GND
Ground pin.
V
A
V
B
V
A - VB
Typical Waveform on V
A, VB, and Differential Waveform VA - VB
(HV
IN = 170V, REL = 1.0MΩ, and CL = 350nF)


Similar Part No. - HV809SG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV809SG-G SUTEX-HV809SG-G Datasheet
478Kb / 7P
   Off-Line, High Voltage EL Lamp Driver
More results

Similar Description - HV809SG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV809 SUTEX-HV809_07 Datasheet
478Kb / 7P
   Off-Line, High Voltage EL Lamp Driver
HV809 SUTEX-HV809 Datasheet
325Kb / 4P
   Off-Line High Voltage EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com