Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61042 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61042
Description  CONSTANT CURRENT LED DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61042 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61042 Datasheet HTML 6Page - Texas Instruments TPS61042 Datasheet HTML 7Page - Texas Instruments TPS61042 Datasheet HTML 8Page - Texas Instruments TPS61042 Datasheet HTML 9Page - Texas Instruments TPS61042 Datasheet HTML 10Page - Texas Instruments TPS61042 Datasheet HTML 11Page - Texas Instruments TPS61042 Datasheet HTML 12Page - Texas Instruments TPS61042 Datasheet HTML 13Page - Texas Instruments TPS61042 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
t
ton
Low
High
tp
D = tp/t
ton
toff
Minimum
On-Time
to Enable
the Device
(500 ms)
Minimum
Off-Time
to Disable
the Device
(32 ms)
TPS61042
SLVS441B — DECEMBER 2002 — REVISED JANUARY 2003
CONTROL (CTRL)
The CTRL pin serves two functions. One is the enable and disable of the device. The other is the PWM control of
the internal LED switch (Q2). If no PWM signal is applied to the CTRL pin, then the CTRL pin can be used as a
standard enable pin for the device. To enable the device, the CTRL pin must be pulled high for time period of at
least 500 µs. The device starts with the softstart cycle. Pulling the CTRL pin to GND for a time period
≥32 ms
disables the device, disconnecting the LEDs from GND by opening the LED switch (Q2) to avoid any LED
leakage current. See Figure 16 for the CTRL pin timing.
The internal LED switch (Q2) is driven by the PWM signal when applied to the CTRL pin. Applying a PWM signal
in the range of 100 Hz to 50 kHz allows the LED current to be pulsed with the duty cycle of the PWM signal. The
CTRL pin accepts a PWM duty cycle from D = 1% to 100%. Duty cycles below 1% are also possible with the
restriction that the device is forced into shutdown as the off time of the applied PWM signal exceeds 10 ms.
When a PWM signal is applied to the CTRL pin the LED switch (Q2) turns on immediately. The internal error
comparator is disabled for 400 ns. This 400 ns delay time is required to establish the correct voltage level across
the sense resistor RS after the LED switch (Q2) is closed.
To achieve good LED current accuracy and linearity, the switching frequency of the converter must be higher
than the PWM frequency applied to the CTRL pin.
Figure 16. CTRL Timing Diagram
The CTRL timing diagram is shown in Figure 16. To enable the device, the CTRL signal must be high for 500 µs.
The PWM signal can then be applied with a pulse width (tp) greater or smaller than tON. To force the device into
shutdown mode, the CTRL signal must be low for at least 32 ms. Requiring the CTRL pin to be low for 32mS
before the device enters shutdown allows for PWM dimming frequencies as low as 100 Hz. The device is
enabled again when a CTRL signal is high for a period of 500 µs minimum. See Figure 11 for the PWM duty
cycle versus LED current characteristic.
This CTRL pin must be terminated.
OVERVOLTAGE PROTECTION (OVP)
As with any current source, the output voltage rises as the output impedance increases or is disconnected. To
prevent the output voltage from exceeding the maximum main switch (Q1) voltage rating of 30 V, an overvoltage
protection circuit is integrated. When the output voltage exceeds the OVP threshold voltage, (Q1) turns off. The
converter switch remains off until the output voltage falls below the OVP threshold voltage. As long as the output
voltage is below the OVP threshold the converter continues its normal operation, until the output voltage exceeds
the OVP threshold again.
10


Similar Part No. - TPS61042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042DRBR TI-TPS61042DRBR Datasheet
713Kb / 27P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
TPS61042DRBR TI1-TPS61042DRBR Datasheet
713Kb / 27P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
TPS61042DRBRG4 TI1-TPS61042DRBRG4 Datasheet
713Kb / 27P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
TPS61042DRBT TI1-TPS61042DRBT Datasheet
713Kb / 27P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
TPS61042DRBTG4 TI1-TPS61042DRBTG4 Datasheet
713Kb / 27P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
More results

Similar Description - TPS61042

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com