Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61025DRC Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS61025DRC
Description  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61025DRC Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61025DRC Datasheet HTML 7Page - Texas Instruments TPS61025DRC Datasheet HTML 8Page - Texas Instruments TPS61025DRC Datasheet HTML 9Page - Texas Instruments TPS61025DRC Datasheet HTML 10Page - Texas Instruments TPS61025DRC Datasheet HTML 11Page - Texas Instruments TPS61025DRC Datasheet HTML 12Page - Texas Instruments TPS61025DRC Datasheet HTML 13Page - Texas Instruments TPS61025DRC Datasheet HTML 14Page - Texas Instruments TPS61025DRC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
t - Time - 2 ms/div
VI = 1.8 V to 2.4 V,
RL = 33 Ω,
VO = 3.3 V
t - Time - 2 ms/div
VI = 3 V to 3.6 V,
RL = 25 Ω,
VO = 5 V
t - Time - 1 ms/div
VI = 2.4V,
RL = 33 Ω,
VO = 3.3 V
t - Time - 500
µs/div
VI = 3.6 V,
RL = 50 Ω,
VO = 5 V
TPS61020, TPS61024
TPS61025, TPS61027
SLVS451A – SEPTEMBER 2003 – REVISED APRIL 2004
TYPICAL CHARACTERISTICS (continued)
TPS61025
TPS61027
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 17.
Figure 18.
TPS61025
TPS61027
START-UP AFTER ENABLE
START-UP AFTER ENABLE
Figure 19.
Figure 20.
11


Similar Part No. - TPS61025DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61025DRC TI-TPS61025DRC Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61025DRCR TI-TPS61025DRCR Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61025DRCRG4 TI-TPS61025DRCRG4 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
More results

Similar Description - TPS61025DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
LM3646 TI1-LM3646_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5-A Synchronous Boost Converter
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com