Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4271DGK Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271DGK
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271DGK Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4271DGK Datasheet HTML 2Page - Texas Instruments THS4271DGK Datasheet HTML 3Page - Texas Instruments THS4271DGK Datasheet HTML 4Page - Texas Instruments THS4271DGK Datasheet HTML 5Page - Texas Instruments THS4271DGK Datasheet HTML 6Page - Texas Instruments THS4271DGK Datasheet HTML 7Page - Texas Instruments THS4271DGK Datasheet HTML 8Page - Texas Instruments THS4271DGK Datasheet HTML 9Page - Texas Instruments THS4271DGK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS VS = 5 V (continued)
RF = 249 Ω, RL = 499 Ω, G = +2, unless otherwise noted
TYP
OVER TEMPERATURE
MIN/
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C to
85
°C
UNITS
MIN/
TYP/
MAX
POWER SUPPLY
Specified operating voltage
5
15
15
15
V
Max
Maximum quiescent current
20
22
25
27
mA
Max
Minimum quiescent current
20
18
16
14
mA
Min
Power supply rejection (+PSRR)
VS+ = 5.5 V to 4.5 V, VS− = 0 V
85
75
62
62
dB
Min
Power supply rejection (−PSRR)
VS+ = 5 V, VS− = −0.5 V to 0.5 V
75
65
60
60
dB
Min
POWER-DOWN CHARACTERISTICS (THS4275 Only)
(1)
REF = 0 V, or VS
Enable
REF+1.8
V
Min
Power-down voltage level(1)
REF = 0 V, or VS
Power-down
REF+1
V
Max
Power-down voltage level(1)
REF = VS+ or Floating
Enable
REF−1
V
Min
REF = VS+ or Floating
Power-down
REF−1.7
V
Max
Power-down quiescent current
PD = Ref +1.0 V, Ref = 0 V
650
800
900
1000
µA
Max
Power-down quiescent current
PD = Ref −1.7 V, Ref = VS+
650
800
900
1000
µA
Max
Turnon time delay(t(ON))
50% of final value
4
µs
Typ
Turnoff time delay (t(OFF))
50% of final value
3
µs
Typ
Input impedance
f = 1 MHz
6
G
Typ
Output impedance
100
k
Typ
(1) For detail information on the power-down circuit, see the powerdown section in the application information of this data sheet.


Similar Part No. - THS4271DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271DGK TI1-THS4271DGK Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4271DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com