Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIUR-03-1R5 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIUR-03-1R5
Description  Mini Drum Core Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIUR-03-1R5 Datasheet(HTML) 1 Page - Abracon Corporation

  AIUR-03-1R5 Datasheet HTML 1Page - Abracon Corporation AIUR-03-1R5 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 04.24.13
Visit www.abracon.com for Terms & Conditions of Sale
PARAMETERS
ABRACON P/N:
AIUR-03 Series
Operating temperature:
-25°C to + 85°C
Storage temperature:
-25°C to + 125°C
Mini Drum Core Inductor
AIUR-03 Series
• Ferrite core with heat shrink tube
• High Reliability
• Electronic Appliance
• Automotive system
Test Conditions and equipments
Part Number
Inductance
Tolerance
Q (Min)
Test
Frequency
DCR (Max)
Saturation
Current (Max)
Temperature
Rise Current
(Max)
SRF (Min)
Inductance
Code
Units
μH
%
MHz
Ω
A
A
MHz
Symbol
L
J, K, M
DCR
Isat
IDC
AIUR-03-1R0
1.0
M
20
7.96
0.013
10.0
3.5
150
1R0M
AIUR-03-1R5
1.5
M
20
7.96
0.016
8.5
3.3
130
1R5M
AIUR-03-2R2
2.2
M
20
7.96
0.021
6.5
3.2
100
2R2M
AIUR-03-3R3
3.3
M
20
7.96
0.025
5.5
2.9
79
3R3M
AIUR-03-4R7
4.7
M
20
7.96
0.030
4.3
2.5
51
4R7M
AIUR-03-6R8
6.8
M
20
7.96
0.035
3.7
2.3
29
6R8M
AIUR-03-100
10
J, K
50
2.52
0.045
3.0
2.0
14
100J/100K
AIUR-03-120
12
J, K
50
2.52
0.050
2.7
1.9
13
120J/120K
AIUR-03-150
15
J, K
50
2.52
0.056
2.3
1.8
12
150J/150K
AIUR-03-180
18
J, K
40
2.52
0.061
2.2
1.6
11
180J/180K
AIUR-03-220
22
J, K
40
2.52
0.070
2.0
1.4
9.2
220J/220K
AIUR-03-270
27
J, K
40
2.52
0.080
1.7
1.3
8.5
270J/270K
AIUR-03-330
33
J, K
30
2.52
0.090
1.6
1.1
7.8
330J/330K
AIUR-03-390
39
J, K
30
2.52
0.10
1.5
1.1
6.9
390J/390K
AIUR-03-470
47
J, K
30
2.52
0.16
1.4
0.99
6.5
470J/470K
AIUR-03-560
56
J, K
30
2.52
0.18
1.3
0.90
5.4
560J/560K
AIUR-03-680
68
J, K
30
2.52
0.21
1.2
0.81
4.9
680J/680K
AIUR-03-820
82
J, K
30
2.52
0.23
1.1
0.76
4.1
820J/820K
AIUR-03-101
100
J, K
20
0.796
0.28
0.91
0.72
3.7
101J/101K
AIUR-03-121
120
J, K
20
0.796
0.32
0.84
0.67
3.4
121J/121K
AIUR-03-151
150
J, K
20
0.796
0.37
0.75
0.61
3.2
151J/151K
AIUR-03-181
180
J, K
20
0.796
0.58
0.69
0.54
2.8
181J/181K
AIUR-03-221
220
J, K
20
0.796
0.65
0.64
0.50
2.7
221J/221K
AIUR-03-331
330
J, K
20
0.796
0.85
0.54
0.39
2.3
331J/331K
AIUR-03-391
390
J, K
20
0.796
1.00
0.48
0.37
2.1
391J/391K
AIUR-03-471
470
J, K
20
0.796
1.10
0.46
0.32
1.9
471J/471K
AIUR-03-561
560
J, K
20
0.796
1.40
0.41
0.30
1.8
561J/561K
AIUR-03-681
680
J, K
20
0.796
1.60
0.38
0.27
1.6
681J/681K
AIUR-03-821
820
J, K
20
0.796
1.80
0.35
0.24
1.5
821J/821K
AIUR-03-102
1000
J, K
50
0.252
2.90
0.29
0.22
1.3
102J/102K
DCR: QuadTech Milliohmmeter
Isat: 10% inductance drops from initial value
IDC: The DC current at which the temperature rise is 40oC max
Pb RoHS/RoHS II Compliant
12.0 x ϕ9.0 mm


Similar Part No. - AIUR-03-1R5

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-03 ABRACON-AIUR-03 Datasheet
55Kb / 1P
   THRU-HOLE POWER INDUCTORS
More results

Similar Description - AIUR-03-1R5

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-02H_SERIES ABRACON-AIUR-02H_SERIES Datasheet
1Mb / 2P
   Mini Drum Core Inductor
08.04.14
AIUR-02H-102K ABRACON-AIUR-02H-102K Datasheet
1Mb / 2P
   Mini Drum Core Inductor
04.15.14
AIUR-01_SERIES ABRACON-AIUR-01_SERIES Datasheet
1Mb / 2P
   Mini Drum Core Inductor
01.17.13
logo
Pulse A Technitrol Comp...
PA4300.102NLT PULSE-PA4300.102NLT Datasheet
701Kb / 3P
   Shielded Drum Core Inductor
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
logo
Filtran LTD
CBP1252 FILTRAN-CBP1252 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1253 FILTRAN-CBP1253 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
logo
Pulse A Technitrol Comp...
PA4320 PULSE-PA4320 Datasheet
416Kb / 4P
   Shielded Drum Core Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com