Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHJLD1525 Datasheet(PDF) 1 Page - Dubilier

Part # SHJLD1525
Description  TANTALUM CHIP - LOW ESR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

SHJLD1525 Datasheet(HTML) 1 Page - Dubilier

  SHJLD1525 Datasheet HTML 1Page - Dubilier SHJLD1525 Datasheet HTML 2Page - Dubilier SHJLD1525 Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
112
SURFACE MOUNT
TANTALUM CHIP - LOW ESR SHJL
ORDERING INFORMATION
The SHJL surface mount products have inherently low
ESR (equivalent series resistance) and is capable of higher ripple
current, handling, producing lower ripple voltages, less power and
heat dissipation than standard product for the most efficient use of
circuit power, and has been particularly designed for typical power
supply environments.
Technical Data:
All technical data relates to an
ambient temperature of +25˚C
Capacitance Range:
3.3µF to 470µF
Capacitance Tolerance:
±20%; ±10%
Environmental Classification:
55/125/56 (IEC 68-2)
Dissipation Factor:
≤0.06 for E case for CR>10µF
≤0.08 for E case with CR≥100µF
SHJL
C
10
25
Range
Case size
µf value
Voltage
K
Tolerance
K=10%
M=20%
Code EIA Code L±0.2 W+0.2 H±0.2 W1±0.2 A±0.3 S Min.
C
6032
6.0
3.2
2.6
2.2
1.3
2.9
D
7343
7.3
4.3
2.9
2.4
1.3
4.4
E
7343H
7.3
4.3
4.1
2.4
1.3
4.4
W1 dimension applies to the termination width for A dimensional
area only. Pad Stand-off is 0.1±0.1.
*A, B case available on request.
L
A
A
S
W
W
H
1
XXXX
ESR OHMIC
value in
mΩ
SPECIFICATION
SHJL SELECTION GUIDE
OUTLINE DRAWING
Capacitance uF
6.3V
10V
16V
20V
25V
35V
50V
3.3
C
4.7
C
D
6.8
D/E
E
10
C
D/E
E
15
C
D
D/E
22
C
D
D/E
E
33
C/D
D/E
D/E
E
47
D
C/D
D/E
D/E
68
D
C/D
D
D/E
E
100
C/D
C/D/E
D/E
E
150
D/E
D/E
D/E
220
D/E
D/E
E
330
D/E
D/E
470
D/E
www.dubilier.co.uk


Similar Part No. - SHJLD1525

ManufacturerPart #DatasheetDescription
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
SHJLC1025KXXXX DUBILIER-SHJLC1025KXXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
SHJLC1025MXXXX DUBILIER-SHJLC1025MXXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
More results

Similar Description - SHJLD1525

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCR HITACHI-TMCR Datasheet
189Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
NIC-Components Corp.
NTCL NIC-NTCL Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
NTC-L NIC-NTC-L Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Kemet Corporation
T520V157M006AS KEMET-T520V157M006AS Datasheet
46Kb / 2P
   Low ESR Tantalum Chip Capacitor with Polymer Electrode
logo
AVX Corporation
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com