Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4271DG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271DG4
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271DG4 Datasheet(HTML) 3 Page - Texas Instruments

  THS4271DG4 Datasheet HTML 1Page - Texas Instruments THS4271DG4 Datasheet HTML 2Page - Texas Instruments THS4271DG4 Datasheet HTML 3Page - Texas Instruments THS4271DG4 Datasheet HTML 4Page - Texas Instruments THS4271DG4 Datasheet HTML 5Page - Texas Instruments THS4271DG4 Datasheet HTML 6Page - Texas Instruments THS4271DG4 Datasheet HTML 7Page - Texas Instruments THS4271DG4 Datasheet HTML 8Page - Texas Instruments THS4271DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
3
PIN ASSIGNMENTS
1
2
3
4
8
7
6
5
NC
IN −
IN +
VS−
NC
VS+
VOUT
NC
THS4271
NC − No internal connection
1
2
3
4
8
7
6
5
REF
IN −
IN +
VS−
PD
VS+
VOUT
NC
THS4275
(TOP VIEW)
D, DRB, DGN, DGK
D, DRB, DGN, DGK
(TOP VIEW)
ELECTRICAL CHARACTERISTICS VS = ±5 V
RF = 249 Ω, RL = 499 Ω, G = +2, unless otherwise noted.
TYP
OVER TEMPERATURE
MIN/
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C TO
70
°C
−40
°C
TO 85
°C
UNITS
MIN/
TYP/
MAX
AC PERFORMANCE
G = 1, VO = 100 mVPP, RL = 150 Ω
1.4
GHz
Typ
G = −1, VO = 100 mVPP
400
MHz
Typ
Small signal bandwidth
G = 2, VO = 100 mVPP
390
MHz
Typ
Small signal bandwidth
G = 5, VO = 100 mVPP
85
MHz
Typ
G = 10, VO = 100 mVPP
40
MHz
Typ
0.1 dB flat bandwidth
G = 1, VO = 100 mVPP, RL = 150 Ω
200
MHz
Typ
Gain bandwidth product
G > 10, f = 1 MHz
400
MHz
Typ
Full-power bandwidth
G = −1, VO = 2 Vp
80
MHz
Typ
Slew rate
G = 1, VO = 2 V Step
950
V/
µs
Typ
Slew rate
G = −1, VO = 2 V Step
1000
V/
µs
Typ
Settling time to 0.1%
G = −1, VO = 4 V Step
25
ns
Typ
Settling time to 0.01%
G = −1, VO = 4 V Step
38
ns
Typ
Harmonic distortion
G = 1, VO = 1 VPP, f = 30 MHz
Second harmonic distortion
RL = 150 Ω
−92
dBc
Typ
Second harmonic distortion
RL = 499 Ω
−80
dBc
Typ
Third harmonic distortion
RL = 150 Ω
−95
dBc
Typ
Third harmonic distortion
RL = 499 Ω
−95
dBc
Typ
Harmonic distortion
G = 2, VO = 2 VPP, f = 30 MHz
Second harmonic distortion
RL = 150 Ω
−65
dBc
Typ
Second harmonic distortion
RL = 499 Ω
−70
dBc
Typ
Third harmonic distortion
RL = 150 Ω
−80
dBc
Typ
Third harmonic distortion
RL = 499 Ω
−90
dBc
Typ
Third order intermodulation (IMD3)
G = 2, VO = 2 VPP, RL = 150 Ω,
f = 70 MHz
−60
dBc
Typ
Third order output intercept (OIP3)
G = 2, VO = 2 VPP, RL = 150 Ω,
f = 70 MHz
35
dBm
Typ
Differential gain (NTSC, PAL)
G = 2, RL = 150 Ω,
0.007%
Typ
Differential phase (NTSC, PAL)
G = 2, RL = 150 Ω,
0.004
_
Typ
Input voltage noise
f = 1 MHz
3
nV/
√Hz
Typ
Input current noise
f = 1 MHz
3
pA
√Hz
Typ


Similar Part No. - THS4271DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271DG4 TI1-THS4271DG4 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4271DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com