Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AISM-2220-1R0 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISM-2220-1R0
Description  MOLDED FERRITE WIRE WOUND CHIP INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISM-2220-1R0 Datasheet(HTML) 2 Page - Abracon Corporation

  AISM-2220-1R0 Datasheet HTML 1Page - Abracon Corporation AISM-2220-1R0 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MOLDED FERRITE WIRE WOUND CHIP INDUCTOR
|||||||||||||| |
AISM-2220
5.8 x 5.2 x 5.2mm
Pb RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.09.10
Visit www.abracon.com for Terms & Conditions of Sale
OUTLINE DRAWING:
Recommended Land Pattern
TYPE
A
B
C
0.157
0.079
0.177
(4.0)
(2.0)
(4.5)
TYPE
AISM-2220-xxx
AISM-2220
A
B
C
D
E
0.228±0.012
0.205±0.012
0.205±0.012 0.071±0.012 0.051±0.008
(5.8±0.3)
(5.2±0.3)
(5.2±0.3)
(1.8±0.3) (1.3±0.2)
Dimensions: Inches
(mm)
TAPE & REEL: Tape and reel 1,000pcs/reel
Dimensions: mm
A (mm)
B (mm)
K (mm)
P (mm) T (mm) W(mm) PCS/REEL
5.3 ± 0.1
6.1 ± 0.1
5.5 ± 0.1
12.0 ± 0.1 0.35 ± 0.05 16.0 ± 0.3
1000
ABRACON P/N
AISM-2220
Dimensions of Reel
A
C
Z
330 - 0.5
12.4 + 2.0
100 ± 1.0
series
AISM-2220
C
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not
specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. For
applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for
more information.
CERTIFIED
CERTIFIED
ABRACON IS
ABRACON IS
ISO9001:2008


Similar Part No. - AISM-2220-1R0

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1008 ABRACON-AISM-1008 Datasheet
2Mb / 4P
   SMD Molded Wound Chip inductor
08.11.09
AISM-1008-1R0 ABRACON-AISM-1008-1R0 Datasheet
2Mb / 4P
   SMD Molded Wound Chip inductor
08.11.09
AISM-1008-1R2 ABRACON-AISM-1008-1R2 Datasheet
2Mb / 4P
   SMD Molded Wound Chip inductor
08.11.09
AISM-1008-R01 ABRACON-AISM-1008-R01 Datasheet
2Mb / 4P
   SMD Molded Wound Chip inductor
08.11.09
AISM-1008-R012 ABRACON-AISM-1008-R012 Datasheet
2Mb / 4P
   SMD Molded Wound Chip inductor
08.11.09
More results

Similar Description - AISM-2220-1R0

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
   Molded Wire Wound Ferrite Chip Inductors
CF453232 FRONTIER-CF453232 Datasheet
51Kb / 3P
   Molded Wire Wound Ferrite Chip Inductors
1306F FRONTIER-1306F Datasheet
84Kb / 3P
   SMD Molded Wire Wound Ferrite Chip Inductors
1306F-10NM FRONTIER-1306F-10NM Datasheet
90Kb / 3P
   SMD Molded Wire Wound Ferrite Chip Inductors
CF252018 FRONTIER-CF252018 Datasheet
223Kb / 2P
   SMD MOLDED WIRE WOUND FERRITE CHIP INDUCTORS
logo
AVX Corporation
LCWF AVX-LCWF Datasheet
344Kb / 12P
   Wire Wound Chip Inductor (Ferrite) LCWF Series
logo
Caliber Electronics Inc...
LSWM-322522 CALIBER-LSWM-322522 Datasheet
25Kb / 1P
   Wound Molded Chip Inductor
LSWM-453232 CALIBER-LSWM-453232 Datasheet
29Kb / 1P
   Wound Molded Chip Inductor
logo
List of Unclassifed Man...
LSWM-453232 ETC2-LSWM-453232 Datasheet
28Kb / 1P
   Wound Molded Chip Inductor
LSWM-322522 ETC2-LSWM-322522 Datasheet
24Kb / 1P
   Wound Molded Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com