Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3028RHAT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3028RHAT
Description  Digital Power Controllers
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3028RHAT Datasheet(HTML) 1 Page - Texas Instruments

  UCD3028RHAT Datasheet HTML 1Page - Texas Instruments UCD3028RHAT Datasheet HTML 2Page - Texas Instruments UCD3028RHAT Datasheet HTML 3Page - Texas Instruments UCD3028RHAT Datasheet HTML 4Page - Texas Instruments UCD3028RHAT Datasheet HTML 5Page - Texas Instruments UCD3028RHAT Datasheet HTML 6Page - Texas Instruments UCD3028RHAT Datasheet HTML 7Page - Texas Instruments UCD3028RHAT Datasheet HTML 8Page - Texas Instruments UCD3028RHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
UCD3040
UCD3028
UCD3020
www.ti.com
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
Digital Power Controllers
Check for Samples: UCD3040, UCD3028, UCD3020
1
FEATURES
Configurable for Voltage-Mode, Average-
Current-Mode, and Resonant-Mode Control
23
Digital Control of up to Four Voltage Feedback
Allows Synchronization of DPWM Waveforms
Loops
Between Multiple UCD3040, UCD3020 and
Up to Eight High-Resolution Digital Pulsewidth
UCD3028 (UCD30xx) Devices
Modulated (DPWM) Outputs for Supporting a
Adjustable DPWM Pulse Width Enables
Wide Range of Offline, Isolated and Non-
Support for Current Balancing in a Multiphase
Isolated DC-to-DC Topologies
Application.
250-ps DPWM Pulse-Width Resolution
High-Performance 31.25-MHz, 32-Bit ARM7
4-ns DPWM Frequency Resolution
Processor
Adjustable Phase Shift Between DPWM
32-KByte Program Flash and 2-KByte Data
Outputs
Flash Memory With Error Correction Code
Adjustable Dead Band Between Each
(ECC)
DPWM Pair
4-KByte Data RAM
Active-High or -Low DPWM Polarity
4-KByte Boot ROM
Up to 2-MHz DPWM Switching Frequency
Communication Peripherals
Dedicated High-Speed Error Analog-to-Digital
PMBus
Converter (EADC) for Each Feedback Loop
UART
With Sense Resolution of up to 1 mV
SPI
On-Chip 10-Bit D and A Converter (DAC) for
Setting EADC Reference Voltage
JTAG (Not Available in the UCD3028)
Dedicated Hardware Accelerated Digital
Single-Supply Solution: Internal Regulator
Compensators or Control Law Accelerators
Controls External Pass Element
(CLA)
Internal Temperature Sensor
Three-Pole, Three-Zero Configurable
Up to Five Additional Timers
Compensator
Built-In Watchdog, BOD, and POR
Features Non-Linear Digital Control
80-Pin QFP (PFC), 64-Pin QFN (RGC), 48-Pin
Multiple Programmable Coefficient
QFN (RGZ), and 40-Pin QFN (RHA and RMH)
Registers for Adaptive Digital
Package Offerings
Compensation
Operating Temperature Range: –40°C to 125°C
Up to 15-Channel, 12-Bit, 200-ksps, Analog-to-
Digital Converter (ADC)
APPLICATIONS
Multiple Levels of Fault Protection
Isolated AC-to-DC and DC-to-DC Power
Four High-Speed Analog Comparators
Supplies
External Fault Inputs
Power-Factor Correction
12-Bit ADC
Non-Isolated DC-to-DC Power Supplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Fusion Digital Power, Code Composer Studio are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCD3028RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3028RHAT TI-UCD3028RHAT Datasheet
214Kb / 4P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
More results

Similar Description - UCD3028RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3040 TI-UCD3040_15 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
List of Unclassifed Man...
AS1854 ETC2-AS1854 Datasheet
1Mb / 52P
   Digital Power PoE PD Controllers
logo
Omron Electronics LLC
E5CN OMRON-E5CN Datasheet
778Kb / 24P
   Digital Temperature Controllers
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
   Digital Temperature Controllers
E5GN OMRON-E5GN Datasheet
104Kb / 6P
   Digital Temperature Controllers
logo
Zilog, Inc.
Z90231 ZILOG-Z90231 Datasheet
128Kb / 9P
   Z8 DIGITAL TELEVISION CONTROLLERS
logo
Texas Instruments
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com