Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5686 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5686
Description  27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5686 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5686_15 Datasheet HTML 1Page - Texas Instruments UCC5686_15 Datasheet HTML 2Page - Texas Instruments UCC5686_15 Datasheet HTML 3Page - Texas Instruments UCC5686_15 Datasheet HTML 4Page - Texas Instruments UCC5686_15 Datasheet HTML 5Page - Texas Instruments UCC5686_15 Datasheet HTML 6Page - Texas Instruments UCC5686_15 Datasheet HTML 7Page - Texas Instruments UCC5686_15 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UCC5686, UCC5687
27-LINE 3V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,
ULTRA160, AND ULTRA320 SCSI WITH INTEGRATED SPI3 DELAY
SLUS459B – OCTOBER 2000 – REVISED APRIL 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D SCSI SPI-2, SPI-3, Ultra2, Ultra3, Ultra160,
Ultra320 SCSI Compliance
D Smallest Footprint
D Lowest Channel
Capacitance, 2 pF
D Less than 0.5-pF Capacitance
Differential Between Pairs
D 2.7 V to 5.25 V Operation
D Differential Failsafe Bias
D Built–in SPI-3 Mode
Change/Filter Delay
D 64-Pin Low Profile QFP
description
The UCC5686 is a twenty-seven line active terminator for low-voltage-differential (LVD) SCSI networks. This
LVD SCSI-only design allows the user to reach peak bus performance, while reducing system cost. The device
is designed as an active Y-terminator to improve the frequency response of the LVD SCSI Bus. Designed with
a 2-pF (typical) channel capacitance, the UCC5686 allows for minimal bus loading for a maximum number of
peripherals. With the UCC5686, the designer is able to comply with the Ultra2, Ultra3, Ultra160, and Ultra320
SCSI specifications. The UCC5686 also provides a much-needed system migration path for the ever improving
SCSI system standards.
This device is available in the 64-pin low-profile QFP package for ease of layout use.
Single-ended (SE) and high-voltage differential (HVD) SCSI drivers are not supported.
AVAILABLE OPTIONS
DISCONNECT
PACKAGED DEVICES†
TA
DISCONNECT
STATUS
LOW PROFILE QFP
(PM)
0
°Cto70°C
REGULAR
UCC5686PM
0
°C to 70°C
REVERSE
UCC5687PM
† The PM package is available taped and reeled. Add TR suffix to
device type (e.g. UCC5686PMTR) to order quantities of 1000
devices per reel.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
17 18 19
{DISCNCT1
{DISCNCT2
L21–
L21+
L20–
L20+
L19–
L19+
DIFSENS
DIFFB
L18–
L18+
L17–
L17+
L16–
L16+
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
L25–
L25+
L26–
L26+
L27–
L27+
STRMPWR
PTRMPWR
REG
SGND
PGND
LVD
L10–
L10+
L11–
L11+
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52 51 50 49
30 31 32
{For the UCC5687, Pin 47 is DISCNCT1 and Pin 48 is DISCNCT2.
PM PACKAGE
(TOP VIEW)


Similar Part No. - UCC5686_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5686PM TI-UCC5686PM Datasheet
126Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,ULTRA160,AND ULTRA320 SCSI WITH INTEGRATED SPI-3 DELAY
UCC5686PMTR TI-UCC5686PMTR Datasheet
126Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,ULTRA160,AND ULTRA320 SCSI WITH INTEGRATED SPI-3 DELAY
UCC5686PMTRG4 TI-UCC5686PMTRG4 Datasheet
126Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,ULTRA160,AND ULTRA320 SCSI WITH INTEGRATED SPI-3 DELAY
More results

Similar Description - UCC5686_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5646 TI1-UCC5646 Datasheet
125Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3, ULTRA160 AND ULTRA320
UCC5686 TI-UCC5686 Datasheet
126Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,ULTRA160,AND ULTRA320 SCSI WITH INTEGRATED SPI-3 DELAY
UCC5696 TI-UCC5696 Datasheet
176Kb / 12P
[Old version datasheet]   27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2129 MAXIM-DS2129 Datasheet
195Kb / 5P
   LVD SCSI 27-Line Regulator
Rev 1; 2/06
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
logo
Dallas Semiconductor
DS2129 DALLAS-DS2129 Datasheet
158Kb / 5P
   LVD SCSI 27-Line Regulator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
   9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5620 TI-UCC5620 Datasheet
65Kb / 4P
[Old version datasheet]   27-Line SCSI Terminator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com