Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC25705 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC25705
Description  HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC25705 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC25705_14 Datasheet HTML 5Page - Texas Instruments UCC25705_14 Datasheet HTML 6Page - Texas Instruments UCC25705_14 Datasheet HTML 7Page - Texas Instruments UCC25705_14 Datasheet HTML 8Page - Texas Instruments UCC25705_14 Datasheet HTML 9Page - Texas Instruments UCC25705_14 Datasheet HTML 10Page - Texas Instruments UCC25705_14 Datasheet HTML 11Page - Texas Instruments UCC25705_14 Datasheet HTML 12Page - Texas Instruments UCC25705_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
UCC25705, UCC25706, UCC35705, UCC35706
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
SLUS473B -- NOVEMBER 1999 -- REVISED OCTOBER 2010
9
www.ti.com
FUNCTIONAL DESCRIPTION
component selection for oscillator without duty cycle clamp (MODE = 0)
For a power converter with the following specifications:
D
VIN(min) =18V
D
VIN(max) =75V
D
VIN(shutdown) =15V
D
FOSC =1MHz
With these specifications,
VFF(min) =
18
15 =
1.2 V
(1) Pick CT = 220 pF
(2) Calculate RT.
RT =
V
IN(min)
V
FF(min)
×
1
F
OSC
− 75 ns
CT
TYPICAL CHARACTERISTICS
Figure 4
--50
--25
0
25
50
75
100
125
Temperature
8.0
8.1
8.2
8.3
8.4
8.5
8.6
8.7
8.8
8.9
UCC35705 UVLO THRESHOLDS
vs
TEMPERATURE
°C
Figure 5
--50
--25
0
25
50
75
100
125
Temperature
7
8
9
10
11
12
13
°C
UCC35706 UVLO THRESHOLDS
vs
TEMPERATURE


Similar Part No. - UCC25705_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705D TI-UCC25705D Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
UCC25705DGK TI-UCC25705DGK Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
UCC25705DGKTR TI-UCC25705DGKTR Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
UCC25705DTR TI-UCC25705DTR Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
More results

Similar Description - UCC25705_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI-UCC25705 Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
logo
Microchip Technology
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
   High-Speed, Pulse Width Modulator
2008
logo
Texas Instruments
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
   High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com