Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5638 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC5638
Description  Multimode SCSI 15 Line Terminator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5638 Datasheet(HTML) 6 Page - Texas Instruments

  UCC5638 Datasheet HTML 1Page - Texas Instruments UCC5638 Datasheet HTML 2Page - Texas Instruments UCC5638 Datasheet HTML 3Page - Texas Instruments UCC5638 Datasheet HTML 4Page - Texas Instruments UCC5638 Datasheet HTML 5Page - Texas Instruments UCC5638 Datasheet HTML 6Page - Texas Instruments UCC5638 Datasheet HTML 7Page - Texas Instruments UCC5638 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UCC5638FQP
ACTIVE
LQFP
PT
48
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UCC5638FQPG4
ACTIVE
LQFP
PT
48
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UCC5638FQPTR
ACTIVE
LQFP
PT
48
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UCC5638FQPTRG4
ACTIVE
LQFP
PT
48
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Jul-2006
Addendum-Page 1


Similar Part No. - UCC5638

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5638 TI-UCC5638 Datasheet
48Kb / 5P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
UCC5638FQP TI-UCC5638FQP Datasheet
48Kb / 5P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
UCC5638FQPTR TI-UCC5638FQPTR Datasheet
48Kb / 5P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
More results

Similar Description - UCC5638

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5638 TI-UCC5638 Datasheet
48Kb / 5P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
UCC5639 TI-UCC5639 Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 15 Line Terminator with Reverse Disconnect
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5629 TI-UCC5629 Datasheet
54Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5629 TI1-UCC5629_08 Datasheet
403Kb / 12P
[Old version datasheet]   MULTIMODE SCSI 14 LINE TERMINATOR
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
   9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5631A TI1-UCC5631A_09 Datasheet
265Kb / 10P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5628 TI1-UCC5628_08 Datasheet
393Kb / 11P
[Old version datasheet]   MULTIMODE SCSI 14 LINE TERMINATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com