Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5680PW28TR Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5680PW28TR
Description  9-LINE LVD ONLY SCSI TERMINATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5680PW28TR Datasheet(HTML) 1 Page - Texas Instruments

  UCC5680PW28TR Datasheet HTML 1Page - Texas Instruments UCC5680PW28TR Datasheet HTML 2Page - Texas Instruments UCC5680PW28TR Datasheet HTML 3Page - Texas Instruments UCC5680PW28TR Datasheet HTML 4Page - Texas Instruments UCC5680PW28TR Datasheet HTML 5Page - Texas Instruments UCC5680PW28TR Datasheet HTML 6Page - Texas Instruments UCC5680PW28TR Datasheet HTML 7Page - Texas Instruments UCC5680PW28TR Datasheet HTML 8Page - Texas Instruments UCC5680PW28TR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UCC5680
9LINE LVD ONLY SCSI TERMINATOR
WITH INTEGRATED SPI3 DELAYS
SLUS313D − MARCH 1999 - REVISED NOVEMBER 2003
1
www.ti.com
D LVD-Only Active Termination
D 2.7 V to 5.25 V Operation
D Differential Failsafe Bias
D Built-In SPI-3 Mode Change Filter/Delay
D Standards Supported: SPI-2, SPI-3, SPI-4,
Ultra2 (Fast 40), Ultra3/Ultra160 (Fast 80)
and Ultra320 (Fast 160)
description
The UCC5680 is an LVD-only Small Computer System Interface (SCSI) terminator that integrates the mode
change delay function required by the SPI-3 specification. The device senses what types of SCSI drivers are
present on the bus via the voltage on the DIFFSENS SCSI control line. Single-ended (SE) and high-voltage
differential (HVD) SCSI drivers (EIA485) are not supported. If the chip detects the presence of an SE or HVD
SCSI driver, it disconnects itself by switching all terminating resistors off the bus and enters a high-impedance
state. The terminator can also be commanded to disconnect the terminating resistors with the DISCNCT input.
Impedance is trimmed for accuracy and maximum effectiveness. Bus lines are biased to a failsafe state to
ensure signal integrity.
The UCC5680 is offered in both 24-pin and 28-pin TSSOP (PW) packages for a temperature range of 0
°C to
70
°C.
functional block diagram
UDG−00067
11
12
15
100 ms
TO
300 ms
DELAY/
FILTER
DIFFB
2.15 V
0.6 V
DISCNCT
10
µA
HIGH−VOLTAGE
DIFFERENTIAL
LOW−VOLTAGE
DIFFERENTIAL
SINGLE−ENDED
REF
1.3V
−15 mA
≤ I
SOURCE≤ −5 mA
50
µA ≤ I
SINK ≤ 200 µA
4
52
52
3
124
56 mV
56 mV
+ −
− +
25
26
L1 −
L1+
L9 −
L9+
REF
1.25V
1
REG
28
TRMPWR
14
GND
DIFSENS
52
52
124
56 mV
56 mV
+ −
− +
27
SE
LVD
HVD
DISCNCT
OPEN
DOWN
OPEN
OPEN
MODE
ALL SWITCHES
ENABLE
+
+
LVD
{
{28-PIN PACKAGE ONLY
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - UCC5680PW28TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5680 TI-UCC5680 Datasheet
277Kb / 6P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR WITH INTEGRATED SPI-3 DELAY
More results

Similar Description - UCC5680PW28TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
   9-Line LVD SCSI Terminator
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Texas Instruments
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5680 TI-UCC5680 Datasheet
277Kb / 6P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR WITH INTEGRATED SPI-3 DELAY
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com