Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC25705DGKTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25705DGKTRG4
Description  HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC25705DGKTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC25705DGKTRG4 Datasheet HTML 1Page - Texas Instruments UCC25705DGKTRG4 Datasheet HTML 2Page - Texas Instruments UCC25705DGKTRG4 Datasheet HTML 3Page - Texas Instruments UCC25705DGKTRG4 Datasheet HTML 4Page - Texas Instruments UCC25705DGKTRG4 Datasheet HTML 5Page - Texas Instruments UCC25705DGKTRG4 Datasheet HTML 6Page - Texas Instruments UCC25705DGKTRG4 Datasheet HTML 7Page - Texas Instruments UCC25705DGKTRG4 Datasheet HTML 8Page - Texas Instruments UCC25705DGKTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
UCC25705, UCC25706, UCC35705, UCC35706
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
SLUS473B -- NOVEMBER 1999 -- REVISED OCTOBER 2010
3
www.ti.com
electrical characteristics, VDD =11V, VIN =30 V,RT =47 k,RDISCH = 400 k, RFF =14 k,CT = 220 pF,
CVDD =0.1 μF, and no load on the outputs, 0°C ≤ TA ≤ 70°C for the UCC3570x and --40°C ≤ TA ≤ 85°C
for the UCC2570x, TA =TJ, (unless otherwise specified)
line sense section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Low line comparator threshold
0.95
1.00
1.05
V
Input bias current (VFF)
–100
100
nA
oscillator section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Frequency
VFF = 1.2 V to 4.8 V
0.9
1.0
1.1
MHz
CT peak voltage
VFF = 1.2 V,
See Note 1
1.2
V
CT peak voltage
VFF = 4.8 V,
See Note 1
4.8
V
CT valley voltage
SeeNote1
0
V
NOTE 1: Ensured by design. Not production tested.
current limit section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input bias current
0.2
–0.2
–1
μA
Current limit threshold
180
200
220
mV
Propagation delay, ILIM to OUT
50 mV overdrive
25
35
ns
pulse width modulator section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FB input impedance
VFB =3V
30
50
90
kΩ
Minimum duty cycle
VFB <2V
0
%
Ma im m d t c cle
VFB =VDD,FOSC =1MHz
70
75
80
%
Maximum duty cycle
VDISCH =0V,
FOSC =1MHz
93
%
PWM gain
VFF = 2.5 V,
MODE = 1
12
%/V
Propagation delay, PWM to OUT
65
120
ns
output section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOH
IOUT =–5mA,
VDD – output
0.3
0.6
V
VOL
IOUT =5mA
0.15
0.4
V
Rise time
CLOAD =50pF
10
25
ns
Fall time
CLOAD =50pF
10
25
ns


Similar Part No. - UCC25705DGKTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25705DGKTR TI-UCC25705DGKTR Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
More results

Similar Description - UCC25705DGKTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI-UCC25705 Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
logo
Microchip Technology
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
   High-Speed, Pulse Width Modulator
2008
logo
Texas Instruments
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
   High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com