Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC39411DG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC39411DG4
Description  LOW-POWER SYNCHRONOUS BOOST CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC39411DG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC39411DG4 Datasheet HTML 1Page - Texas Instruments UCC39411DG4 Datasheet HTML 2Page - Texas Instruments UCC39411DG4 Datasheet HTML 3Page - Texas Instruments UCC39411DG4 Datasheet HTML 4Page - Texas Instruments UCC39411DG4 Datasheet HTML 5Page - Texas Instruments UCC39411DG4 Datasheet HTML 6Page - Texas Instruments UCC39411DG4 Datasheet HTML 7Page - Texas Instruments UCC39411DG4 Datasheet HTML 8Page - Texas Instruments UCC39411DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
OPERATION
UCC29411, UCC29412
UCC29413, UCC39411
UCC39412, UCC39413
SLUS245E – MARCH 2000 – REVISED JULY 2005
A detailed block diagram of the UCC39411 is shown in Figure 1. Unique control circuitry provides high-efficiency
power conversion for both light and heavy loads by transitioning between discontinuous and continuous
conduction based on load conditions. Figure 2 depicts converter waveforms for the application circuit shown in
Figure 3. A single 22µH inductor provides the energy pulses required for a highly efficient 3.3 V converter at up
to 200 mW output power.
At time t1, the 3.3 V output voltage has dropped below its lower threshold, and the inductor is charged with an on
time determined by: tON = 5.5 µs/VIN. For a 1.25 V input and a 22 µH inductor, the resulting peak current is
approximately 250 mA. At time t2, the inductor begins to discharge with a minimum off time of approximately 1
ms. Under lightly loaded conditions, the amount of energy delivered in this single pulse satisfies the
voltage-control loop, and the converter does not command any more energy pulses until the output again drops
below the lower-voltage threshold.
At time t3, the VGD supply drops below its lower threshold, but the output voltage is still above its threshold
point. This results in an energy pulse to the gate-drive supply at t4. In some cases, a single pulse supplied to
VGD is insufficient to raise the VGD voltage level enough to satisfy the voltage loop. Under this condition,
multiple pulses are supplied to VGD. Note that when the UCC3941x is servicing VGD only, the IC maintains a
discontinuous mode of operation. After time t4, the 3.3 V output drops below its threshold and requests to be
serviced once the VGD cycle has completed, which occurs at time t5.
Time t6 represents a transition between light load and heavy load. A single energy pulse is not sufficient to force
the output voltage above its upper threshold before the minimum off time has expired and a second charge cycle
is commanded. Since the inductor current does not reach zero in this case, the peak current is greater than 250
mA at the end of the next charge on time. The result is a ratcheting of inductor current until either the output
voltage is satisfied, or the converter reaches its set current limit. At time t7, the gate drive voltage has dropped
below its 7 V threshold but the converter continues to service the output because it has higher priority unless
VGD drops below about 6.3 V.
Between time t7 and t8, the converter reaches its peak current limit.
Once the peak current is reached, the converter operates in continuous mode with approximately 60 mA of
inductor current ripple. At time t8, the 3.3 V output is satisfied and the converter can service the gate drive
voltage, VGD, which occurs at time t9.
5


Similar Part No. - UCC39411DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39411 TI-UCC39411 Datasheet
143Kb / 8P
[Old version datasheet]   Low Power Synchronous Boost Converter
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
More results

Similar Description - UCC39411DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
[Old version datasheet]   Low Power Synchronous Boost Converter
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
   Low-power, high-efficiency synchronous boost converter
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com