Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC39421PW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC39421PW
Description  MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC39421PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC39421PW Datasheet HTML 4Page - Texas Instruments UCC39421PW Datasheet HTML 5Page - Texas Instruments UCC39421PW Datasheet HTML 6Page - Texas Instruments UCC39421PW Datasheet HTML 7Page - Texas Instruments UCC39421PW Datasheet HTML 8Page - Texas Instruments UCC39421PW Datasheet HTML 9Page - Texas Instruments UCC39421PW Datasheet HTML 10Page - Texas Instruments UCC39421PW Datasheet HTML 11Page - Texas Instruments UCC39421PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
power saving modes (continued)
UDG−98107
7
9
8
3
2
4
6
12
5
17
11
20
18
16
19
13
14
15
1
10
+
1.24 V
+
RESET/POR
+
UCC29422
ONLY
1.18 V
+
0.2 V
1.22
+
+
Q
S
R
+
+
70 mV
PFM
1=SLEEP
1.24 V
0.6 V
+
1.24 V
VREF
SLOPECOMP
+
PWM
OSC
VDD
CONTROL
VPUMP
VOUT
1.2 V
+
S
R
Q
Q
Q
R
S
2.5
µS
MUX
A
B
A/B
+
+
PFM DISABLE
COMP
ERROR AMP
PWM
COMP
1 = LP_MODE
ILIM COMP
LEB
0.3 V
30 MHz AMP
+
X10
0.15 V
VOUT>2.5 V
VPUMP >2.5 V
Q
Q
R
S
START−UP
36 mV
ANTI−
CROSS
COND.
VPUMP
1=SD
VIN
VOUT+2 V
VIN
IZERO
PGND
PUMP
SWITCH
CONTROL
VIN
VGD
CLK
SYNC/SD
RT
GND
LOWBAT
VDET
RSADJ
PFM
COMP
FB
PGND
ISENSE
CHRG
RSEL
RECT
RSEN
VOUT
CP
VIN
VPUMP
VDD BIAS
CONTROL
AND UVLO
VDD
ADAPTIVE
ZERO
CURRENT
SENSING
10%−20% OF FULL
LOAD = LP_MODE
85%
DMAX
VGD
RESET
VIN
+
PFM COMP
+
20
µs
DELAY
Figure 2. Detailed Block Diagram


Similar Part No. - UCC39421PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39421PW TI-UCC39421PW Datasheet
606Kb / 35P
[Old version datasheet]   Multimode High Frequency PWM Controller
UCC39421PWTR TI-UCC39421PWTR Datasheet
606Kb / 35P
[Old version datasheet]   Multimode High Frequency PWM Controller
More results

Similar Description - UCC39421PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29421 TI-UCC29421 Datasheet
606Kb / 35P
[Old version datasheet]   Multimode High Frequency PWM Controller
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Infineon Technologies A...
ICE5ASAG INFINEON-ICE5ASAG Datasheet
1Mb / 29P
   Fixed Frequency PWM Controller
V 2.2 2018-03-02
logo
Feeling Technology Corp...
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com