Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD2003B Datasheet(PDF) 3 Page - Texas Instruments

Part # UCD2003B
Description  High-Voltage, High-Current Darlington Transistor Array
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD2003B Datasheet(HTML) 3 Page - Texas Instruments

  UCD2003B Datasheet HTML 1Page - Texas Instruments UCD2003B Datasheet HTML 2Page - Texas Instruments UCD2003B Datasheet HTML 3Page - Texas Instruments UCD2003B Datasheet HTML 4Page - Texas Instruments UCD2003B Datasheet HTML 5Page - Texas Instruments UCD2003B Datasheet HTML 6Page - Texas Instruments UCD2003B Datasheet HTML 7Page - Texas Instruments UCD2003B Datasheet HTML 8Page - Texas Instruments UCD2003B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
1B
16
1C
2
2B
15
2C
3
3B
14
3C
4
4B
13
4C
5
5B
12
5C
6
6B
11
6C
7
7B
10
7C
8
E
9
COM
Not to scale
3
ULN2003B
www.ti.com
SLRS064B – JUNE 2014 – REVISED AUGUST 2016
Product Folder Links: ULN2003B
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
I = Input, O = Output
5 Pin Configuration and Functions
D, N, or PW Package
16-Pin SOIC, PDIP, or TSSOP
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
1B
1
I
Channel 1 through 7 darlington base input
2B
2
3B
3
4B
4
5B
5
6B
6
7B
7
1C
16
O
Channel 1 through 7 darlington collector output
2C
15
3C
14
4C
13
5C
12
6C
11
7C
10
COM
9
Common cathode node for flyback diodes (required for inductive loads)
E
8
Common Emmitter shared by all channels (typically tied to ground)


Similar Part No. - UCD2003B

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCD2A101MCL NICHICON-UCD2A101MCL Datasheet
66Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCD2A151MCL NICHICON-UCD2A151MCL Datasheet
66Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCD2A220MCL NICHICON-UCD2A220MCL Datasheet
66Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCD2A220MNL1GS NICHICON-UCD2A220MNL1GS Datasheet
61Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCD2A221MCL NICHICON-UCD2A221MCL Datasheet
66Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCD2003B

ManufacturerPart #DatasheetDescription
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com