Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC39412PW Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC39412PW
Description  LOW-POWER SYNCHRONOUS BOOST CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC39412PW Datasheet(HTML) 3 Page - Texas Instruments

  UCC39412PW Datasheet HTML 1Page - Texas Instruments UCC39412PW Datasheet HTML 2Page - Texas Instruments UCC39412PW Datasheet HTML 3Page - Texas Instruments UCC39412PW Datasheet HTML 4Page - Texas Instruments UCC39412PW Datasheet HTML 5Page - Texas Instruments UCC39412PW Datasheet HTML 6Page - Texas Instruments UCC39412PW Datasheet HTML 7Page - Texas Instruments UCC39412PW Datasheet HTML 8Page - Texas Instruments UCC39412PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
UCC29411, UCC29412
UCC29413, UCC39411
UCC39412, UCC39413
SLUS245E – MARCH 2000 – REVISED JULY 2005
ELECTRICAL CHARACTERISTICS (continued)
T
J = 0°C to 70°C for the UCC3941x, TJ = –40°C to 85°C for the UCC2941x, VIN = 1.25 V for UCC39411, UCC39412,
V
IN = 2.5 V for the UCC39413, TA = TJ
UCC3941x
UCC2941x
PARAMETER
TEST CONDITIONS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Supply current at shutdown
SD = GND
6
12
8
16
µA
OUTPUT SECTION
Quiescent supply current
See (2)
15
28
20
37
µA
Supply current at shutdown
SD = GND
3
6
5
10
µA
1 V < VIN < 3 V
3.2
3.3
3.39
3.15
3.3
3.45
V
Regulation voltage (UCC39412)
1 V < VIN < 3 V, 0 mA < IOUT < 60 mA(1)
3.17
3.3
3.43
3.11
3.3
3.5
V
1 V < VIN < 5 V
4.85
5
5.15
4.78
5
5.23
V
Regulation voltage (UCC39413)
1 V < VIN < 5 V, 0 mA < IOUT < 60 mA(1)
4.8
5
5.2
4.71
5
5.3
V
ADJ voltage (UCC39411)
1 V < VIN < 3 V
1.212
1.25
1.288
1.194
1.25
1.306
V
Maximum output voltage
5.5
5.5
V
(UCCx9411)
VGD OUTPUT SECTION
Quiescent supply current
See (2)
20
40
27
55
µA
Supply current at shutdown
SD = GND
20
40
27
55
µA
1 V < VIN < 3 V
6.3
7
7.7
6.3
7
7.7
V
Regulation voltage (UCC39411/2)
1 V < VIN < 3 V, 0 mA < IOUT < 10 mA(1)
6.3
7
7.7
6.3
7
7.7
V
1 V < VIN < 5 V
7.7
8.5
9.3
7.7
8.5
9.3
V
Regulation voltage (UCC39413)
1 V < VIN < 5 V, 0 mA < IOUT < 10 mA(3)
7.7
8.5
9.3
7.7
8.5
9.3
V
INDUCTOR CHARGING SECTION (L = 22 µH)
Peak discontinuous current
Operating range, L = 22 µH
180
250
300
180
250
300
mA
Peak continuous current
385
550
715
385
550
715
mA
Charge switch RDS(on)
D package
0.5
0.75
0.6
0.85
Current limit delay
See (3)
50
50
ns
SYNCHRONOUS RECTIFIER SECTION
Rectifier RDS(on)
D package
1.2
1.8
1.4
2.16
SHUTDOWN SECTION
Threshold
0.4
0.6
0.8
0.2 0.6
0.9
V
SD = GND
2
5
15
2
5
15
µA
Input bias current
SD = 1.25 V
5
20
20
100
nA
RESET SECTION
Threshold (UCC39411)
1.08
1.125
1.17
1.07
1.125
1.18
V
Threshold (UCC39412)
2.85
2.97
3.09
2.83
2.97
3.11
V
Threshold (UCC39413)
4.32
4.5
4.68
4.3
4.5
4.7
V
Reset period
CT = 0.15 µF
113
188
300
94
188
300
ms
VOUT to reset delay
VOUT falling at -1 mV/µs(3)
60
60
µs
Sink current
1
20
1
20
mA
Output low voltage
IOUT = 500 µA
0.1
0.1
V
Output leakage
0.5
0.5
µA
(3)
Ensured by design. Not production tested.
3


Similar Part No. - UCC39412PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39412 TI-UCC39412 Datasheet
143Kb / 8P
[Old version datasheet]   Low Power Synchronous Boost Converter
More results

Similar Description - UCC39412PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
[Old version datasheet]   Low Power Synchronous Boost Converter
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
   Low-power, high-efficiency synchronous boost converter
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com