Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9080 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9080
Description  8-CHANNEL POWER-SUPPLY SEQUENCER AND MONITOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD9080 Datasheet(HTML) 5 Page - Texas Instruments

  UCD9080 Datasheet HTML 1Page - Texas Instruments UCD9080 Datasheet HTML 2Page - Texas Instruments UCD9080 Datasheet HTML 3Page - Texas Instruments UCD9080 Datasheet HTML 4Page - Texas Instruments UCD9080 Datasheet HTML 5Page - Texas Instruments UCD9080 Datasheet HTML 6Page - Texas Instruments UCD9080 Datasheet HTML 7Page - Texas Instruments UCD9080 Datasheet HTML 8Page - Texas Instruments UCD9080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
V
=3V
TypicalConditions
CC
t
PulseWidth
S
pw -
- m
t
PulseWidth
S
pw -
- m
tpw
VCC
VCC(min)
3V
1ns
2
1
1.5
1000
0
0.5
0.001
1
1ns
V
=3V
TypicalConditions
CC
t
PulseWidth
S
pw -
- m
t
PulseWidth
s
pw -
- m
tpw
t
t
fall = rise
tfall
trise
VCC
VCC(min)
3V
2
1
1.5
1000
0
0.5
0.001
1
I
2C TIMING
S
SDA
SCL
S
P
Sr
tr
tSU;STO
tBUF
tHD;STA
tSU;STA
tr
tHIGH
tHD;DAT
tSU;DAT
tHD;STA
tLOW
tf
t
of
UCD9080
www.ti.com................................................................................................................................................... SLVS692E – SEPTEMBER 2006 – REVISED MAY 2008
Figure 5. VCC(min) Level With a Square Voltage Drop to Generate a POR/Brownout Signal
Figure 6. VCC(min) Level With a Triangle Voltage Drop to Generate a POR/Brownout Signal
The UCD9080 supports the same timing parameters as standard-mode I2C. See the following timing diagram
and timing parameters for more information.
Figure 7. Timing Diagram for I2C Interface
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :UCD9080


Similar Part No. - UCD9080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9080 TI-UCD9080 Datasheet
558Kb / 32P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
UCD9080RHBR TI-UCD9080RHBR Datasheet
558Kb / 32P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
UCD9080RHBT TI-UCD9080RHBT Datasheet
558Kb / 32P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
More results

Similar Description - UCD9080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9080 TI-UCD9080 Datasheet
558Kb / 32P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
UCD9081EVM TI-UCD9081EVM Datasheet
800Kb / 34P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR WITH ERROR LOGGING
UCD9081 TI1-UCD9081 Datasheet
853Kb / 34P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR WITH ERROR LOGGING
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090-Q1 TI1-UCD9090-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power-Supply Sequencer and Monitor With ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90160 TI1-UCD90160 Datasheet
1Mb / 41P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com