Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9080RHBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9080RHBR
Description  8-CHANNEL POWER-SUPPLY SEQUENCER AND MONITOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD9080RHBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD9080RHBR Datasheet HTML 3Page - Texas Instruments UCD9080RHBR Datasheet HTML 4Page - Texas Instruments UCD9080RHBR Datasheet HTML 5Page - Texas Instruments UCD9080RHBR Datasheet HTML 6Page - Texas Instruments UCD9080RHBR Datasheet HTML 7Page - Texas Instruments UCD9080RHBR Datasheet HTML 8Page - Texas Instruments UCD9080RHBR Datasheet HTML 9Page - Texas Instruments UCD9080RHBR Datasheet HTML 10Page - Texas Instruments UCD9080RHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
UCD9080
www.ti.com................................................................................................................................................... SLVS692E – SEPTEMBER 2006 – REVISED MAY 2008
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
ADDR2/GPO2
26
I/O
I2C address select 2, general-purpose digital output 2
ADDR3/GPO3
27
I/O
I2C address select 3, general-purpose digital output 3
ADDR4/GPO4
28
I/O
I2C address select 4, general-purpose digital output 4
EN1
23
I/O
Voltage rail 1 enable (digital output)
EN2
24
I/O
Voltage rail 2 enable (digital output)
EN3
11
I/O
Voltage rail 3 enable (digital output)
EN4
10
I/O
Voltage rail 4 enable (digital output)
EN5
12
I/O
Voltage rail 5 enable (digital output)
EN6
13
I/O
Voltage rail 6 enable (digital output)
EN7
14
I/O
Voltage rail 7 enable (digital output)
EN8/ADDR1/
25
I/O
Voltage rail 8 enable (digital output), I2C address select 1, general-purpose digital output 1
GPO1
MON1
6
I
Analog input for voltage rail 1
MON2
7
I
Analog input for voltage rail 2
MON3
8
I
Analog input for voltage rail 3
MON4
18
I
Analog input for voltage rail 4
MON5
19
I
Analog input for voltage rail 5
MON6
9
I
Analog input for voltage rail 6
MON7
15
I
Analog input for voltage rail 7
MON8
16
I
Analog input for voltage rail 8
NC
2
Do not connect.
4,17,
NC
Not connected internally. Connect to VSS.
20, 31
Internal oscillator frequency adjust. Must use 100-k
Ω pullup to VCC for minimum drift and maximum
ROSC
32
frequency when sampling voltage rails.
RST
5
I
Reset input
SCL
22
I/O
I2C clock. A pullup rwesistor to 3.3 V is required.
SDA
21
I/O
I2C data (bidirectional). A pullup resistor to 3.3 V is required.
TEST
29
I
Connect to VSS
VCC
30
Supply voltage
VSS
1
Ground reference
XIN
3
Connect to VCC
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :UCD9080


Similar Part No. - UCD9080RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9080RHBR TI-UCD9080RHBR Datasheet
558Kb / 32P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
More results

Similar Description - UCD9080RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9080 TI-UCD9080 Datasheet
558Kb / 32P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
UCD9081EVM TI-UCD9081EVM Datasheet
800Kb / 34P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR WITH ERROR LOGGING
UCD9081 TI1-UCD9081 Datasheet
853Kb / 34P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR WITH ERROR LOGGING
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090-Q1 TI1-UCD9090-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power-Supply Sequencer and Monitor With ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90160 TI1-UCD90160 Datasheet
1Mb / 41P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com