Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9112 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCD9112
Description  Digital Dual-Phase Synchronous Buck Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD9112 Datasheet(HTML) 4 Page - Texas Instruments

  UCD9112_16 Datasheet HTML 1Page - Texas Instruments UCD9112_16 Datasheet HTML 2Page - Texas Instruments UCD9112_16 Datasheet HTML 3Page - Texas Instruments UCD9112_16 Datasheet HTML 4Page - Texas Instruments UCD9112_16 Datasheet HTML 5Page - Texas Instruments UCD9112_16 Datasheet HTML 6Page - Texas Instruments UCD9112_16 Datasheet HTML 7Page - Texas Instruments UCD9112_16 Datasheet HTML 8Page - Texas Instruments UCD9112_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
t
(HD:STA)
t
(HD:DAT)
t
(SU:DAT)
t
(SU:STA)
t
(SU:STO)
t
(HD:STA)
t
(HIGH)
t
(LOW)
t
(BUF)
t
r
t
f
SCLK
SDATA
SDATA
NOTE:(1)SCLK
istheacknowledge-relatedclockpulsegeneratedbythemaster.
ACK
SCLK
Start
Stop
P
S
S
P
t
(LOW:SEXT)
t
(LOW:MEXT)
t
(LOW:MEXT)
t
(LOW:MEXT)
SCLK
ACK
(1)
SCLK
ACK
(1)
Not Recommended for New Designs
UCD9112
SLVS711A – SEPTEMBER 2006 – REVISED JUNE 2007
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VD33 = 3.3V, TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
PMBus/SMBus
FSMB PMBus/SMBus operating frequency
Slave mode, SMBC 50% duty cycle
100
kHz
Bus free time between start and stop t(BUF)
4.7
ms
Hold time after (repeated) start
t(HD:STA)
4.0
ms
Repeated start setup time
t(SU:STA)
4.7
ms
Stop setup time
t(SU:STO)
4.0
ms
Receive Mode
0
ns
Data hold time
t(HD:DAT)
Transmit Mode
300
ns
Data setup time
t(SU:DAT)
250
ns
Error signal/detect(1)
t(TIMEOUT)
25
35
ms
Clock low period
t(LOW)
4.7
ms
Clock high period(2)
t(HIGH)
4.0
50
ms
Cumulative clock low slave extend
t(LOW:SEXT)
25
ms
time(3)
Cumulative clock low master extend
t(LOW:MEXT)
10
ms
time(4)
Clock/data fall time(5)
tf
300
ns
Clock/data rise time(6)
tr
1000
ns
(1)
The UCD9112 times out when any clock low exceeds t(TIMEOUT).
(2)
t(HIGH), Max, is the minimum bus idle time. SMBC = SMBD = 1 for t > 50 ms causes reset of any transaction involving UCD9112 that is
in progress. This specification is valid when the NC_SMB control bit remains in the default cleared state (CLK[0]=0).
(3)
t(LOW:SEXT) is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop.
(4)
t(LOW:MEXT) is the cumulative time a master device is allowed to extend the clock cycles in one message from initial start to the stop.
(5)
Fall time tf = 0.9VDD to (VILMAX – 0.15)
(6)
Rise time tr = ( VILMAX – 0.15) to (VIHMIN + 0.15)
Figure 1. PMBus/SMBus Timing Diagram
4
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): UCD9112


Similar Part No. - UCD9112_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9112RHB TI-UCD9112RHB Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL DUAL PHASE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - UCD9112_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9112 TI-UCD9112 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL DUAL PHASE SYNCHRONOUS BUCK CONTROLLER
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
logo
Anpec Electronics Corop...
APW8700 ANPEC-APW8700 Datasheet
504Kb / 26P
   Dual-Phase Synchronous-Rectifier Buck Controller
logo
Diodes Incorporated
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
   COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
   Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com