Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC39002DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC39002DRG4
Description  Advanced 8-Pin Load-Share Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC39002DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC39002DRG4 Datasheet HTML 1Page - Texas Instruments UCC39002DRG4 Datasheet HTML 2Page - Texas Instruments UCC39002DRG4 Datasheet HTML 3Page - Texas Instruments UCC39002DRG4 Datasheet HTML 4Page - Texas Instruments UCC39002DRG4 Datasheet HTML 5Page - Texas Instruments UCC39002DRG4 Datasheet HTML 6Page - Texas Instruments UCC39002DRG4 Datasheet HTML 7Page - Texas Instruments UCC39002DRG4 Datasheet HTML 8Page - Texas Instruments UCC39002DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Copyright © 2016, Texas Instruments Incorporated
CS+
VDD
CSO
LS
EAO
ADJ
UCC39002
V+
V+
S+
V−
S−
LOAD
POWER
SUPPLY
WITH
REMOTE
SENSE
RSHUNT
RADJ
CS−
2
3
4
8
7
6
5
GND
1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UCC29002, UCC29002-1, UCC39002
SLUS495I – SEPTEMBER 2001 – REVISED MAY 2016
UCC2900x, UCC39002 Advanced 8-Pin Load-Share Controller
1
1 Features
1
High Accuracy, Better Than 1% Current Share
Error at Full Load
High-Side or Low-Side (GND Reference) Current-
Sense Capability
Ultra-Low Offset Current Sense Amplifier
Single Wire Load Share Bus
Full Scale Adjustability
Intel® SSI Load Share Specification Compliant
Disconnect from Load Share Bus at Stand-By
Load Share Bus Protection Against Shorts to GND
or to the Supply Rail
8-Pin MSOP Package Minimizes Space
Lead-Free Assembly
2 Applications
Modules With Remote-Sense Capability
Modules With Remote-Sense Capability
Modules With Remote-Sense Capability
In Conjunction With the Internal Feedback E/A of
OEM Power Supply Units
3 Description
The
UCC39002
device
is
an
advanced,
high-
performance, and low-cost load share controller that
provides all necessary functions to parallel multiple
independent power supplies or DC-to-DC modules.
Targeted for high-reliability applications in server,
workstation, telecom, and other distributed power
systems, the controller is suitable for N+1 redundant
systems or high current applications where off-the-
shelf power supplies must be paralleled.
The BiCMOS UCC39002 is based on the automatic
master or slave architecture of the UC3902 and
UC3907 load share controllers. The device provides
better than 1% current share error between modules
at full load by using a very low offset post-package-
trimmed current sense amplifier and a high-gain
negative feedback loop. And with the amplifier’s
common-mode range of 0 V to the supply rail, the
current sense resistor, RSHUNT, can be placed in
either the GND return path or in the positive output
rail of the power supply.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCC29002
SOIC (8)
4.90 mm × 3.91 mm
UCC29002-1
VSSOP (8)
3.00 mm × 3.00 mm
UCC39002
PDIP (8)
9.81 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Low-Side Current-Sensing Application


Similar Part No. - UCC39002DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39002DRG4 TI1-UCC39002DRG4 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI-UCC39002DRG4 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI-UCC39002DRG4 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
More results

Similar Description - UCC39002DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002 TI-UCC39002 Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI1-UCC39002DRG4 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D TI-UCC29002D Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com