Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9244 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCD9244
Description  Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD9244 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD9244_15 Datasheet HTML 6Page - Texas Instruments UCD9244_15 Datasheet HTML 7Page - Texas Instruments UCD9244_15 Datasheet HTML 8Page - Texas Instruments UCD9244_15 Datasheet HTML 9Page - Texas Instruments UCD9244_15 Datasheet HTML 10Page - Texas Instruments UCD9244_15 Datasheet HTML 11Page - Texas Instruments UCD9244_15 Datasheet HTML 12Page - Texas Instruments UCD9244_15 Datasheet HTML 13Page - Texas Instruments UCD9244_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
UCD9244
SLVSAL6A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
Table 1. PIN FUNCTIONS (continued)
PIN
PIN LABEL
PIN DESCRIPTION
NUMBER
48
Agnd2
Analog ground
49
Agnd1
Analog ground
50
EAp1
Error analog, differential voltage, Positive channel 1 input
51
EAn1
Error analog, differential voltage, Negative channel 1 input
52
EAp2
Error analog, differential voltage, Positive channel 2 input
53
EAn2
Error analog, differential voltage, Negative channel 2 input
54
EAp3
Error analog, differential voltage, Positive channel 3 input
55
EAn3
Error analog, differential voltage, Negative channel 3 input
56
EAp4
Error analog, differential voltage, Positive channel 4 input
57
EAn4
Error analog, differential voltage, Negative channel 4 input
58
V33FB
Connection to the base of 3.3V linear regulator transistor (no connect if unused)
59
CS1A
Power stage 1A current sense input and input to analog comparator 1
60
Addr1
PMBus Address sense. Channel 1.
61
Addr0
PMBus Address sense. Channel 0.
62
Temp3/AuxADC3
Temperature sense input for Rail 3, or Auxiliary ADC input 3
63
Temp4/AuxADC4
Temperature sense input for Rail 4, or Auxiliary ADC input 4
64
Agnd3
Analog ground
PowerPad
It is recommended that this pad be connected to analog ground
10
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s) :UCD9244


Similar Part No. - UCD9244_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9244-EP TI1-UCD9244-EP Datasheet
1Mb / 44P
[Old version datasheet]   UCD9244-EP Digital PWM System Controller with 4-Bit, 6-Bit, or 8-Bit VID Support
UCD9244MRGCTEP TI1-UCD9244MRGCTEP Datasheet
1Mb / 44P
[Old version datasheet]   UCD9244-EP Digital PWM System Controller with 4-Bit, 6-Bit, or 8-Bit VID Support
UCD9244RGCR TI1-UCD9244RGCR Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9244RGCT TI1-UCD9244RGCT Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
More results

Similar Description - UCD9244_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9222-EP TI1-UCD9222-EP_16 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9244 TI1-UCD9244 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222 TI1-UCD9222 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9244-EP TI1-UCD9244-EP Datasheet
1Mb / 44P
[Old version datasheet]   UCD9244-EP Digital PWM System Controller with 4-Bit, 6-Bit, or 8-Bit VID Support
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Renesas Technology Corp
ISL6327A RENESAS-ISL6327A Datasheet
1Mb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6327 INTERSIL-ISL6327 Datasheet
659Kb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com