Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9244 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9244
Description  Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD9244 Datasheet(HTML) 4 Page - Texas Instruments

  UCD9244 Datasheet HTML 1Page - Texas Instruments UCD9244 Datasheet HTML 2Page - Texas Instruments UCD9244 Datasheet HTML 3Page - Texas Instruments UCD9244 Datasheet HTML 4Page - Texas Instruments UCD9244 Datasheet HTML 5Page - Texas Instruments UCD9244 Datasheet HTML 6Page - Texas Instruments UCD9244 Datasheet HTML 7Page - Texas Instruments UCD9244 Datasheet HTML 8Page - Texas Instruments UCD9244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
UCD9244
SLVSAL6A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DIGITAL INPUTS/OUTPUTS
Dgnd
VOL
Low-level output voltage
IOL = 6 mA
(1), V
33DIO = 3 V
V
+0.25
V33DIO
VOH
High-level output voltage
IOH = -6 mA
(2), V
33DIO = 3 V
V
–0.6V
VIH
High-level input voltage
V33DIO = 3V
2.1
3.6
V
VIL
Low-level input voltage
V33DIO = 3.5 V
1.4
V
SYSTEM PERFORMANCE
VRESET
Voltage where device comes out of reset
V33D Pin
2.3
2.4
V
tRESET
Pulse width needed for reset
nRESET pin
2
µs
Vref commanded to be 1V, at 25
°C AFEgain = 4,
Setpoint Reference Accuracy
–10
10
mV
1V input to EAP/N measured at output of the
EADC(3)
VRefAcc
Setpoint Reference Accuracy over
–40°C to 125°C
–20
20
mV
temperature
AFEgain = 4 compared to
VDiffOffset
Differential offset between gain settings
–4
4
mV
AFEgain = 1, 2, or 8
240 + 1
tDelay
Digital Compensator Delay
240
switching
ns
cycle
FSW
Switching Frequency
15.260
2000
kHz
Accuracy
–5%
5%
Duty
Max and Min Duty Cycle
0%
100%
V33Slew
Minimum V33 slew rate
V33 slew rate between 2.3V and 2.9V
0.25
V/ms
tretention
Retention of configuration parameters
TJ = 25 °C
100
Years
Write_Cycles
Number of nonvolatile erase/write cycles
TJ = 25 °C
20
K cycles
All rails configured to accept VID messages(4)
1
RateVID
Max VID message rate
All rails configured to accept 6-bit VID messages(4)
4
msg/msec
All rails configured to accept 8-bit VID messages(5)
4
(1)
The maximum IOL, for all outputs combined, should not exceed 12 mA to hold the maximum voltage drop specified.
(2)
The maximum IOH, for all outputs combined, should not exceed 48 mA to hold the maximum voltage drop specified.
(3)
With default device calibration. PMBus calibration can be used to improve the regulation tolerance.
(4)
VID message rate on each interface. Measured over a 1.0 msec interval
(5)
VID message rate on PMBus interface.
4
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s) :UCD9244


Similar Part No. - UCD9244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9244 TI1-UCD9244 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9244-EP TI1-UCD9244-EP Datasheet
1Mb / 44P
[Old version datasheet]   UCD9244-EP Digital PWM System Controller with 4-Bit, 6-Bit, or 8-Bit VID Support
UCD9244MRGCTEP TI1-UCD9244MRGCTEP Datasheet
1Mb / 44P
[Old version datasheet]   UCD9244-EP Digital PWM System Controller with 4-Bit, 6-Bit, or 8-Bit VID Support
UCD9244RGCR TI1-UCD9244RGCR Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9244RGCT TI1-UCD9244RGCT Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
More results

Similar Description - UCD9244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9222-EP TI1-UCD9222-EP_16 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9244 TI1-UCD9244 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222 TI1-UCD9222 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9244-EP TI1-UCD9244-EP Datasheet
1Mb / 44P
[Old version datasheet]   UCD9244-EP Digital PWM System Controller with 4-Bit, 6-Bit, or 8-Bit VID Support
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Renesas Technology Corp
ISL6327A RENESAS-ISL6327A Datasheet
1Mb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6327 INTERSIL-ISL6327 Datasheet
659Kb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com