Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138064A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138064A
Description  UCD3138064A Highly Integrated Digital Controller for Isolated Power
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138064A Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD3138064A Datasheet HTML 4Page - Texas Instruments UCD3138064A Datasheet HTML 5Page - Texas Instruments UCD3138064A Datasheet HTML 6Page - Texas Instruments UCD3138064A Datasheet HTML 7Page - Texas Instruments UCD3138064A Datasheet HTML 8Page - Texas Instruments UCD3138064A Datasheet HTML 9Page - Texas Instruments UCD3138064A Datasheet HTML 10Page - Texas Instruments UCD3138064A Datasheet HTML 11Page - Texas Instruments UCD3138064A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
1
AGND
2
AD13
3
AD12
4
AD10
5
AD07
6
AD06
7
AD04
8
AD03
9
V33DIO
10
/RESET
11
ADC_EXT/TCAP/SYNC/PWM0
12
SCI_RX0/DTC0
13
SCI_TX0/DTC1
14
DGND
15
PMBUS_CLK/SCI_TX0
16
PMBUS_DATA/SCI_RX0
48
AGND
47
V33D
46
BP18
45
V33DIO
44
DGND
43
FAULT3
42
FAULT2
41
TCAP
40
TMS
39
TDI/SCI_RX0/PMBUS_CTRL/FAULT1/SPI_MISO/DTC0
38
TDO/SCI_TX0/PMBUS_ALERT/FAULT0/SPI_MOSI/DTC1
37
TCK/TCAP/SYNC/PWM0/DTC0
36
FAULT1/SPI_CLK/I2C_CLK
35
FAULT0/SPI_CS/I2C_DATA
34
INT_EXT
33
DGND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
8
UCD3138064A
SLUSCA5A – DECEMBER 2015 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: UCD3138064A
Pin Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
4
Pin Configuration and Functions
4.1
Pin Diagrams
64-Pin QFN
RGC Package
Top View
4.2
Pin Functions
Pin Functions - 64 VQFN
PIN
PRIMARY ASSIGNMENT
ALTERNATE ASSIGNMENT
CONFIGURABLE
AS A GPIO?
NUMBER
NAME
NO. 1
NO. 2
NO. 3
NO. 4
NO. 5
1
AGND
Analog ground
2
AD13
12-bit ADC, Ch 13, comparator E, I-share
DAC output
3
AD12
12-bit ADC, Ch 12
4
AD10
12-bit ADC, Ch 10
5
AD07
12-bit ADC, Ch 7, Connected to comparator F
and reference to comparator G
DAC output
6
AD06
12-bit ADC, Ch 6, Connected to comparator F
DAC output
7
AD04
12-bit ADC, Ch 4, Connected to comparator D
DAC output
8
AD03
12-bit ADC, Ch 3, Connected to comparator B
and C
9
V33DIO
Digital I/O 3.3V core supply, connected to V33D
internally
10
DGND
Digital ground
11
RESET
Device Reset Input, active low


Similar Part No. - UCD3138064A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3138064 TI1-UCD3138064 Datasheet
3Mb / 91P
[Old version datasheet]   UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
UCD3138064 TI-UCD3138064 Datasheet
5Mb / 104P
[Old version datasheet]   UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
UCD3138064RGCR TI1-UCD3138064RGCR Datasheet
3Mb / 91P
[Old version datasheet]   UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
UCD3138064RGCR TI-UCD3138064RGCR Datasheet
5Mb / 104P
[Old version datasheet]   UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
UCD3138064RGCT TI1-UCD3138064RGCT Datasheet
3Mb / 91P
[Old version datasheet]   UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
More results

Similar Description - UCD3138064A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
[Old version datasheet]   UCD3138x Highly-Integrated Digital Controller For Isolated Power
UCD3138128A TI1-UCD3138128A Datasheet
2Mb / 83P
[Old version datasheet]   UCD3138128A Highly-Integrated Digital Controller For Isolated Power
UCD3138064 TI1-UCD3138064 Datasheet
3Mb / 91P
[Old version datasheet]   UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
UCD3138064 TI-UCD3138064_V01 Datasheet
5Mb / 104P
[Old version datasheet]   UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com