Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856A Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # BC856A
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC856A Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  BC856A Datasheet HTML 1Page - Bruckewell Technology LTD BC856A Datasheet HTML 2Page - Bruckewell Technology LTD BC856A Datasheet HTML 3Page - Bruckewell Technology LTD BC856A Datasheet HTML 4Page - Bruckewell Technology LTD BC856A Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC856A-BC858C
PNP SURFACE MOUNT SMALL
SIGNAL TRANSISTOR IN SOT23
Publication Order Number: [BC856A-BC858C]
© Bruckewell Technology Corporation Rev. A -2014
ON CHARACTERISTICS
Symbol
Parameter
MIN
TYP
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
(Ic=-10mAdc, IB=-0.5mAdc)
(Ic=-100mAdc, IB=-5.0mAdc)
V
-0.3
V
-0.65
V
HFE
DC Current Gain
BC846A,B
90
(Ic=-10uAdc,VCE=-5.0Vdc)
BC847A,B
150
BC848A,B,C
270
(Ic=-2.0mAdc,VCE=-5.0Vdc)
BC846A,B
125
180
250
BC847A,B
220
290
475
BC848A,B,C
420
520
800
VBE(sat)
Base-Emitter Saturation Voltage
V
(Ic=-10mAdc, IB=-0.5mAdc)
-0.7
V
(Ic=-100mAdc, IB=-5.0mAdc)
-0.9
V
VBE(on)
Base-Emitter Voltag
V
(Ic=-2.0mAdc, VCE=-5.0Vdc)
-0.6
-0.75
mV
(Ic=-10mAdc, VCE=-5.0Vdc)
-0.82
mV
ON CHARACTERISTICS
Symbol
Parameter
MIN
TYP
MAX
UNIT
fT
Current-Gain-Bandwidth Product
(Ic=-10mAdc,VCE=-5.0Vdc,f=100MHz)
100
MHz
Cobo
Output Capacitance
(VCB=-10Vdc, IE=0, f=1.0MHz)
4.5
pF
NF
Noise Figure
(VCE=-5.0Vdc, IC=-
200μAdc,
Rs=2.0kΩf=1.0KHz , BW=200Hz)
10
dB
DEVICE MARK
BC856A
3A
BC856B
3B
BC857A
3E
BC857B
3F
BC858A
3J
BC858B
3K
BC858C
3L


Similar Part No. - BC856A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856A PHILIPS-BC856A Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
521Kb / 5P
   PNP Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC856A TSC-BC856A Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BC856A NEXPERIA-BC856A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
SeCoS Halbleitertechnol...
BC856A SECOS-BC856A Datasheet
263Kb / 3P
   BC856A
More results

Similar Description - BC856A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com