Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807-40 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # BC807-40
Description  TRANSISTOR PNP BIPOLAR 45V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC807-40 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  BC807-40 Datasheet HTML 1Page - Bruckewell Technology LTD BC807-40 Datasheet HTML 2Page - Bruckewell Technology LTD BC807-40 Datasheet HTML 3Page - Bruckewell Technology LTD BC807-40 Datasheet HTML 4Page - Bruckewell Technology LTD BC807-40 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC807-40
TRANSISTOR PNP BIPOLAR 45V
Publication Order Number: [BC807-40]
© Bruckewell Technology Corporation Rev. A -2014
SMALL-SIGNAL CHARACTERISTICS
Symbol
Parameter
MIN
TYP
MAX
UNIT
fT
Current-Gain-Bandwidth Product
(Ic= -10mAdc,VCE= -5.0Vdc,f=100MHz)
100
MHz
Cobo
Output Capacitance
(VCB= -10Vdc, f=1.0MHz)
10
pF
NOTE:
1. FR-5=1.0×0.75×0.062in.
2. Alumina=0.4×0.3×0.024in.99.5%alumina.


Similar Part No. - BC807-40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807-40 PHILIPS-BC807-40 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
General Semiconductor
BC807-40 GE-BC807-40 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
Diodes Incorporated
BC807-40 DIODES-BC807-40 Datasheet
311Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Shenzhen Jin Yu Semicon...
BC807-40 HTSEMI-BC807-40 Datasheet
274Kb / 2P
   TRANSISTOR (PNP)
logo
Transys Electronics
BC807-40 TRSYS-BC807-40 Datasheet
303Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - BC807-40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AC857CWQ DIODES-AC857CWQ Datasheet
337Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR
BC857BFA DIODES-BC857BFA_17 Datasheet
278Kb / 6P
   45V PNP SMALL SIGNAL TRANSISTOR
BC857BTQ DIODES-BC857BTQ Datasheet
409Kb / 6P
   45V PNP SMALL SIGNAL TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP51 SECOS-BCP51 Datasheet
189Kb / 2P
   -1A , -45V PNP Plastic Encapsulate Transistor
logo
Microsemi Corporation
2N4033 MICROSEMI-2N4033 Datasheet
489Kb / 2P
   PNP BIPOLAR TRANSISTOR
2N2907A MICROSEMI-2N2907A Datasheet
64Kb / 2P
   PNP BIPOLAR TRANSISTOR
2N3251A MICROSEMI-2N3251A Datasheet
64Kb / 2P
   PNP BIPOLAR TRANSISTOR
2N2905A MICROSEMI-2N2905A Datasheet
508Kb / 2P
   PNP BIPOLAR TRANSISTOR
logo
Taiwan Semiconductor Co...
2SA2029-Q TSC-2SA2029-Q Datasheet
706Kb / 3P
   PNP Bipolar Transistor
logo
GUANGDONG HOTTECH INDUS...
2SB507 HOTTECH-2SB507 Datasheet
471Kb / 3P
   BIPOLAR TRANSISTOR (PNP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com