Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT48-60 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # BAT48-60
Description  Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 60V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAT48-60 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  BAT48-60 Datasheet HTML 1Page - Bruckewell Technology LTD BAT48-60 Datasheet HTML 2Page - Bruckewell Technology LTD BAT48-60 Datasheet HTML 3Page - Bruckewell Technology LTD BAT48-60 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT48-60
Surface Mount High Current Density
Schottky Rectifiers 1.0 Amp 60V
Publication Order Number: BAT48-60
©Bruckewell Technology Corporation Rev. A -2015
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=200mA, Tj=25°C
VF
0.37
0.69
V
IF=500mA, Tj=25°C
0.47
0.50
IF=1.0A, Tj=25°C
0.63
0.69
IF=200mA, Tj=125°C
0.28
0.31
IF=500mA, Tj=125°C
0.46
0.49
IF=1.0A, Tj=125°C
0.62
0.68
Maximum reverse current per leg
Tj=25°C
IR
100
u’A
at working peak reverse voltage
Tj=100°C
20
m’A
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJA
88
°C/W
RθJC
30
°C/W
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms


Similar Part No. - BAT48-60

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BAT48-40 BWTECH-BAT48-40 Datasheet
126Kb / 4P
   Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 40V
More results

Similar Description - BAT48-60

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BAT48-40 BWTECH-BAT48-40 Datasheet
126Kb / 4P
   Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 40V
SD14 BWTECH-SD14 Datasheet
873Kb / 3P
   Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 40V
SD34 BWTECH-SD34 Datasheet
346Kb / 4P
   Surface Mount High Current Density Schottky Rectifiers 3.0 Amp 40V
logo
SeCoS Halbleitertechnol...
SCD12 SECOS-SCD12 Datasheet
320Kb / 2P
   VOLTAGE 20V ~ 60V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4_15 Datasheet
85Kb / 4P
   High Current Density Surface Mount Schottky Rectifiers
Revision: 08-Oct-13
SS3P4 VISHAY-SS3P4_11 Datasheet
88Kb / 4P
   High Current Density Surface Mount Schottky Rectifiers
Revision: 19-Jul-11
SS3P4 VISHAY-SS3P4_V01 Datasheet
102Kb / 5P
   High Current Density Surface-Mount Schottky Rectifiers
01-Jan-2022
SS3P4 VISHAY-SS3P4_13 Datasheet
87Kb / 4P
   High Current Density Surface Mount Schottky Rectifiers
Revision: 16-Apr-12
SS3P5 VISHAY-SS3P5_11 Datasheet
92Kb / 5P
   High Current Density Surface Mount Schottky Rectifiers
Revision: 19-Apr-11
SS3P4 VISHAY-SS3P4_15 Datasheet
82Kb / 4P
   High Current Density Surface Mount Schottky Rectifiers
Revision: 08-Oct-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com